Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1100 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA1100
Description  850MHz, Low Distortion Current Feedback Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1100 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA1100 Datasheet HTML 2Page - Intersil Corporation HFA1100 Datasheet HTML 3Page - Intersil Corporation HFA1100 Datasheet HTML 4Page - Intersil Corporation HFA1100 Datasheet HTML 5Page - Intersil Corporation HFA1100 Datasheet HTML 6Page - Intersil Corporation HFA1100 Datasheet HTML 7Page - Intersil Corporation HFA1100 Datasheet HTML 8Page - Intersil Corporation HFA1100 Datasheet HTML 9Page - Intersil Corporation HFA1100 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN2945.9
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 24. VIO AND BIAS CURRENTS vs TEMPERATURE
FIGURE 25. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 26. INPUT NOISE vs FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25°C, RL = 100Ω, Unless Otherwise Specified (Continued)
TOTAL SUPPLY VOLTAGE (V+ - V-, V)
22
17
15
13
11
59
9
7
5
67
8
10
21
20
19
6
8
10
12
14
16
18
TEMPERATURE (oC)
45
42
39
36
33
-60
20
30
27
24
-40
-20
0
40
60
80
100 120
21
18
15
12
9
6
3
0
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2
1.9
1.8
1.7
1.6
1.5
1.4
1.3
+IBIAS
VIO
-IBIAS
TEMPERATURE (oC)
3.7
3.6
3.5
3.4
-60
20
3.3
3.2
3.1
3
-40
-20
0
40
60
80
100
2.9
2.8
2.7
2.6
2.5
120
| - VOUT |
+VOUT
AV = -1, RL = 50Ω
300
275
250
225
200
175
150
125
100
75
50
25
0
30
25
20
15
10
5
0
100
1K
10K
100K
FREQUENCY (Hz)
eni
ini-
ini+
ENI
INI-
INI+
HFA1100


Similar Part No. - HFA1100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100/883 INTERSIL-HFA1100/883 Datasheet
402Kb / 16P
   850MHz Current Feedback Amplifier
HFA1100883 INTERSIL-HFA1100883 Datasheet
402Kb / 16P
   850MHz Current Feedback Amplifier
More results

Similar Description - HFA1100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com