Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1100IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA1100IP
Description  850MHz, Low Distortion Current Feedback Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1100IP Datasheet(HTML) 5 Page - Intersil Corporation

  HFA1100IP Datasheet HTML 1Page - Intersil Corporation HFA1100IP Datasheet HTML 2Page - Intersil Corporation HFA1100IP Datasheet HTML 3Page - Intersil Corporation HFA1100IP Datasheet HTML 4Page - Intersil Corporation HFA1100IP Datasheet HTML 5Page - Intersil Corporation HFA1100IP Datasheet HTML 6Page - Intersil Corporation HFA1100IP Datasheet HTML 7Page - Intersil Corporation HFA1100IP Datasheet HTML 8Page - Intersil Corporation HFA1100IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN2945.9
The layout and schematic of the board are shown below:
TOP LAYOUT
BOTTOM LAYOUT
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
500
500
-5V
0.1
µF
10
µF
50
IN
OUT
VL
VH
+IN
VL
V+
GND
1
V-
OUT
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25°C, RL = 100Ω, Unless Otherwise Specified
FIGURE 1. SMALL SIGNAL PULSE
FIGURE 2. LARGE SIGNAL PULSE
FIGURE 3. NON-INVERTING FREQUENCY RESPONSE
FIGURE 4. INVERTING FREQUENCY RESPONSE
120
TIME (5ns/DIV.)
90
60
30
0
-30
-60
-90
-120
AV = +2
1.2
0.9
0.6
0.3
0
-0.3
-0.6
-0.9
-1.2
AV = +2
TIME (5ns/DIV.)
FREQUENCY (MHz)
0
-3
-6
-9
-12
0.3
1
10
100
1K
0
-90
-180
-270
-360
PHASE
GAIN
AV = +1
AV = +1
AV = +11
AV = +2
AV = +6
AV = +11
AV = +2
AV = +6
VOUT = 200mVP-P
FREQUENCY (MHz)
PHASE
GAIN
0
-3
-6
-9
-12
0.3
1
10
100
1K
180
90
0
-90
-180
AV = -1
AV = -1
AV = -20
AV = -5
AV = -10
AV = -20
AV = -5
AV = -10
VOUT = 200mVP-P
HFA1100


Similar Part No. - HFA1100IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100IP RENESAS-HFA1100IP Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results

Similar Description - HFA1100IP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com