Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1110IBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # 1110IBZ
Description  750MHz, Low Distortion Unity Gain, Closed Loop Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

1110IBZ Datasheet(HTML) 9 Page - Intersil Corporation

  1110IBZ Datasheet HTML 1Page - Intersil Corporation 1110IBZ Datasheet HTML 2Page - Intersil Corporation 1110IBZ Datasheet HTML 3Page - Intersil Corporation 1110IBZ Datasheet HTML 4Page - Intersil Corporation 1110IBZ Datasheet HTML 5Page - Intersil Corporation 1110IBZ Datasheet HTML 6Page - Intersil Corporation 1110IBZ Datasheet HTML 7Page - Intersil Corporation 1110IBZ Datasheet HTML 8Page - Intersil Corporation 1110IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN2944.8
June 6, 2006
HFA1110
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
-
Rev. 1 6/05


Similar Part No. - 1110IBZ

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1110 3M-1110 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
List of Unclassifed Man...
1110 ETC2-1110 Datasheet
93Kb / 1P
   KNOB
logo
Bourns Electronic Solut...
1110-100K-RC BOURNS-1110-100K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-101K-RC BOURNS-1110-101K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-120K-RC BOURNS-1110-120K-RC Datasheet
472Kb / 1P
   Very high current capacity
More results

Similar Description - 1110IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
Analog Devices
AD9630 AD-AD9630_15 Datasheet
115Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630 AD-AD9630 Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
Gennum Corporation
GB4600 GENNUM-GB4600 Datasheet
137Kb / 4P
   Monolithic Unity Gain Video Buffer
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com