Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA11XXEVAL Datasheet(PDF) 8 Page - Intersil Corporation

Part # HFA11XXEVAL
Description  850MHz, Low Distortion Current Feedback Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA11XXEVAL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HFA11XXEVAL Datasheet HTML 2Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 3Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 4Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 5Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 6Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 7Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 8Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 9Page - Intersil Corporation HFA11XXEVAL Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN2945.9
FIGURE 17. 2nd HARMONIC DISTORTION vs POUT
FIGURE 18. 3rd HARMONIC DISTORTION vs POUT
FIGURE 19. OVERSHOOT vs INPUT RISE TIME
FIGURE 20. OVERSHOOT vs INPUT RISE TIME
FIGURE 21. OVERSHOOT vs FEEDBACK RESISTOR
FIGURE 22. SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25°C, RL = 100Ω, Unless Otherwise Specified (Continued)
OUTPUT POWER (dBm)
-30
-35
-40
-45
-50
-5
3
-55
-60
-65
-70
-3
-1
1
5
7
9
11
13
15
100MHz
50MHz
30MHz
OUTPUT POWER (dBm)
-30
-40
-50
-60
-70
-5
3
-80
-90
-100
-110
-3
-1
1
5
7
9
11
13
15
100MHz
50MHz
30MHz
INPUT RISE TIME (ps)
38
36
34
32
30
100
500
28
26
24
22
200
300
400
600
700
800
900
1000
VOUT = 1VP-P
VOUT = 2VP-P
VOUT = 0.5VP-P
20
18
16
14
12
10
8
6
AV = +1
INPUT RISE TIME (ps)
35
30
25
20
15
100
500
10
5
0
200
300
400
600
700
800
900
1000
RF = 360Ω
VOUT = 2VP-P
RF = 360Ω
VOUT = 1VP-P
RF = 360Ω
VOUT = 0.5VP-P
RF = 510Ω
VOUT = 0.5VP-P
RF = 510Ω
VOUT = 1VP-P
RF = 510Ω
VOUT = 2VP-P
AV = +2
FEEDBACK RESISTOR (
Ω)
36
34
32
30
360
520
28
26
24
22
400
440
480
560
600
640
680
20
18
16
14
12
10
8
6
4
AV = +2, tR = 200ps, VOUT = 2VP-P
TEMPERATURE (oC)
25
24
23
22
21
-60
20
20
19
18
-40
-20
0
406080
100
120
HFA1100


Similar Part No. - HFA11XXEVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA11XXEVAL INTERSIL-HFA11XXEVAL Datasheet
132Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier
logo
Renesas Technology Corp
HFA11XXEVAL RENESAS-HFA11XXEVAL Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA11XXEVAL INTERSIL-HFA11XXEVAL Datasheet
402Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
HFA11XXEVAL INTERSIL-HFA11XXEVAL Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
HFA11XXEVAL INTERSIL-HFA11XXEVAL Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
More results

Similar Description - HFA11XXEVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com