Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE150A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1.5KE150A
Description  TRANSZORB Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE150A Datasheet(HTML) 4 Page - Vishay Siliconix

  1.5KE150A Datasheet HTML 1Page - Vishay Siliconix 1.5KE150A Datasheet HTML 2Page - Vishay Siliconix 1.5KE150A Datasheet HTML 3Page - Vishay Siliconix 1.5KE150A Datasheet HTML 4Page - Vishay Siliconix 1.5KE150A Datasheet HTML 5Page - Vishay Siliconix 1.5KE150A Datasheet HTML 6Page - Vishay Siliconix 1.5KE150A Datasheet HTML 7Page - Vishay Siliconix 1.5KE150A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 88301
20-Jun-06
Vishay General Semiconductor
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
1.5KE6.8A-E3/54
0.968
54
1400
13" Diameter Paper Tape & Reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current versus Initial
Junction Temperature
0.1
1
10
100
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
td - Pulse Width (sec.)
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
0
50
100
150
TJ =25
°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50 % of IPPM
tr=10 µsec.
Peak Value
IPPM
Half Value — IPP
IPPM
2
td
10/1000 µsec. Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
5
10
100
500
10
100
1000
10000
Unidirectional
Bidirectional
VR = 0
VR = Rated
Stand-off Voltage
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
V(BR), Breakdown Voltage (V)


Similar Part No. - 1.5KE150A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE150A TRSYS-1.5KE150A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1.5KE150A DIGITRON-1.5KE150A Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Galaxy Semi-Conductor H...
1.5KE150A BILIN-1.5KE150A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1.5KE150A LEIDITECH-1.5KE150A Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE150A DIODES-1.5KE150A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE150A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com