Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVG-2066Z Datasheet(PDF) 8 Page - SIRENZA MICRODEVICES

Part # SVG-2066Z
Description  500MHz - 2200MHz 6-Bit Variable Gain Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SVG-2066Z Datasheet(HTML) 8 Page - SIRENZA MICRODEVICES

Back Button SVG-2066Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 9Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 10Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 11Page - SIRENZA MICRODEVICES SVG-2066Z Datasheet HTML 12Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
8
EDS-104432 Rev 3
Advanced Information
SVG-2066 500MHz-2200MHz 6-Bit VGA
S11 vs. Frequency, T= +25c
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
Freq. (GHz)
0
1
2
4
8
16
31
Atten.
level (dB)
S21 vs. Frequency, T= +25c
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
Freq. (GHz)
0
1
2
4
8
16
31
Atten.
level (dB)
S22 vs. Frequency, T= +25c
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
Freq. (GHz)
0
1
2
4
8
16
31
Atten.
Level(dB)
Measured 2.14GHz Evaluation Board Data (Vcc = 5.0V, Vdd=3.0V, Iq =115mA)
T=+25c Attenuation Error vs. Frequency
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
Freq. (GHz)
1
2
4
8
16
31
Atten.
Level(dB)
All 1dB Steps, T= +25c Attenuation Error vs. Frequency
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
Freq. (GHz)


Similar Part No. - SVG-2066Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVG-2066Z ETC1-SVG-2066Z Datasheet
384Kb / 12P
   500MHz - 2200MHz 6-Bit Variable Gain Amp
More results

Similar Description - SVG-2066Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVG-2066 ETC1-SVG-2066 Datasheet
384Kb / 12P
   500MHz - 2200MHz 6-Bit Variable Gain Amp
logo
RF Micro Devices
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
logo
Renesas Technology Corp
F1240 RENESAS-F1240 Datasheet
15Mb / 35P
   Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
logo
RF Micro Devices
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com