Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IG80C286-10 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IG80C286-10
Description  High Performance Microprocessor with Memory Management and Protection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IG80C286-10 Datasheet(HTML) 4 Page - Intersil Corporation

  IG80C286-10 Datasheet HTML 1Page - Intersil Corporation IG80C286-10 Datasheet HTML 2Page - Intersil Corporation IG80C286-10 Datasheet HTML 3Page - Intersil Corporation IG80C286-10 Datasheet HTML 4Page - Intersil Corporation IG80C286-10 Datasheet HTML 5Page - Intersil Corporation IG80C286-10 Datasheet HTML 6Page - Intersil Corporation IG80C286-10 Datasheet HTML 7Page - Intersil Corporation IG80C286-10 Datasheet HTML 8Page - Intersil Corporation IG80C286-10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
Pin Descriptions The following pin function descriptions are for the 80C286 microprocessor.
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
CLK
31
I
SYSTEM CLOCK: provides the fundamental timing for the 80C286 system. It is divided by two inside
the 80C286 to generate the processor clock. The internal divide-by-two circuitry can be synchro-
nized to an external clock generator by a LOW to HIGH transition on the RESET input.
D15 - D0
36 - 51
I/O
DATA BUS: inputs data during memory, I/O, and interrupt acknowledge read cycles; outputs data
during memory and I/O write cycles. The data bus is active HIGH and is held at high impedance to
the last valid logic level during bus hold acknowledge.
A23 - A0
7 - 8
10 - 28
32 - 43
O
ADDRESS BUS: outputs physical memory and I/O port addresses. A23 - A16 are LOW during I/O
transfers. A0 is LOW when data is to be transferred on pins D7 - D0 (see table below). The address
bus is active High and floats to three-state off during bus hold acknowledge.
BHE
1
O
BUS HIGH ENABLE: indicates transfer of data on the upper byte of the data bus, D15 - D8. Eight-bit
oriented devices assigned to the upper byte of the data bus would normally use BHE to condition chip
select functions. BHE is active LOW and floats to three-state OFF during bus hold acknowledge.
S1, S0
4, 5
O
BUS CYCLE STATUS: indicates initiation of a bus cycle and along with M/IO and COD/lNTA, de-
fines the type of bus cycle. The bus is in a TS state whenever one or both are LOW. S1 and S0 are
active LOW and are held at a high impedance logic one during bus hold acknowledge.
BHE AND A0 ENCODINGS
BHE VALUE
A0 VALUE
FUNCTION
0
0
Word transfer
0
1
Byte transfer on upper half of data bus (D15 - D8)
1
0
Byte transfer on lower half of data bus (D7 - D0)
11
Reserved
80C286 BUS CYCLE STATUS DEFINITION
COD/INTA
M/IO
S1
S0
BUS CYCLE INITIATED
0(LOW)
0
0
0
Interrupt acknowledge
00
0
1
Reserved
00
1
0
Reserved
0
0
1
1
None; not a status cycle
0
1
0
0
If A1 = 1 then halt; else shutdown
0
1
0
1
Memory data read
0
1
1
0
Memory data write
0
1
1
1
None; not a status cycle
1(HIGH)
0
0
0
Reserved
1
0
0
1
I/O read
1
0
1
0
I/O write
1
0
1
1
None; not a status cycle
11
0
0
Reserved
1
1
0
1
Memory instruction read
11
1
0
Reserved
1
1
1
1
None; not a status cycle
80C286


Similar Part No. - IG80C286-10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IG80C286-10 INTERSIL-IG80C286-10 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
IG80C286-10 INTERSIL-IG80C286-10 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
IG80C286-10 INTERSIL-IG80C286-10 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - IG80C286-10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com