Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9WAG08U1A-Y Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9WAG08U1A-Y
Description  1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9WAG08U1A-Y Datasheet(HTML) 3 Page - Samsung semiconductor

  K9WAG08U1A-Y Datasheet HTML 1Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 2Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 3Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 4Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 5Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 6Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 7Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 8Page - Samsung semiconductor K9WAG08U1A-Y Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
FLASH MEMORY
3
K9WAG08U1A
K9K8G08U0A K9NBG08U5A
GENERAL DESCRIPTION
FEATURES
• Voltage Supply
- 2.70V ~ 3.60V
• Organization
- Memory Cell Array : (1G + 32M) x 8bit
- Data Register : (2K + 64) x 8bit
• Automatic Program and Erase
- Page Program : (2K + 64)Byte
- Block Erase : (128K + 4K)Byte
• Page Read Operation
- Page Size : (2K + 64)Byte
- Random Read : 25
µs(Max.)
- Serial Access : 25ns(Min.)
* K9NBG08U5A : 50ns(Min.)
1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
• Fast Write Cycle Time
- Page Program time : 200
µs(Typ.)
- Block Erase Time : 1.5ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance : 100K Program/Erase Cycles(with 1bit/512Byte
ECC)
- Data Retention : 10 Years
• Command Driven Operation
• Intelligent Copy-Back with internal 1bit/528Byte EDC
• Unique ID for Copyright Protection
• Package :
- K9K8G08U0A-PCB0/PIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
- K9WAG08U1A-PCB0/PIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
- K9WAG08U1A-ICB0/IIB0
52 - Pin TLGA (12 x 17 / 1.0 mm pitch)
- K9NBG08U5A-PCB0/PIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
Offered in 1G x 8bit, the K9K8G08U0A is a 8G-bit NAND Flash Memory with spare 256M-bit. Its NAND cell provides the most cost-
effective solution for the solid state application market. A program operation can be performed in typical 200
µs on the (2K+64)Byte
page and an erase operation can be performed in typical 1.5ms on a (128K+4K)Byte block. Data in the data register can be read out
at 25ns(K9NBG08U5A : 50ns) cycle time per Byte. The I/O pins serve as the ports for address and data input/output as well as com-
mand input. The on-chip write controller automates all program and erase functions including pulse repetition, where required, and
internal verification and margining of data. Even the write-intensive systems can take advantage of the K9K8G08U0A
′s extended reli-
ability of 100K program/erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm. The
K9K8G08U0A is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable
applications requiring non-volatility.
An ultra high density solution having two 8Gb stacked with two chip selects is also available in standard TSOPI package and another
ultra high density solution having two 16Gb TSOPI package stacked with four chip selects is also available in TSOPI-DSP.
PRODUCT LIST
Part Number
Vcc Range
Organization
PKG Type
K9K8G08U0A-Y
2.70 ~ 3.60V
X8
TSOP1
K9WAG08U1A-Y
K9WAG08U1A-I
52TLGA
K9NBG08U5A-P
TSOP1-DSP


Similar Part No. - K9WAG08U1A-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A-Y SAMSUNG-K9WAG08U1A-Y Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
More results

Similar Description - K9WAG08U1A-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
   2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com