Electronic Components Datasheet Search |
|
HEF4517B Datasheet(PDF) 2 Page - NXP Semiconductors |
|
HEF4517B Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 8 page January 1995 2 Philips Semiconductors Product specification Dual 64-bit static shift register HEF4517B LSI DESCRIPTION The HEF4517B consists of two identical, independent 64-bit static shift registers. Each register has separate clock (CP), data input (D), parallel input-enable/output-enable (PE/EO) and four 3-state outputs of the 16th, 32nd, 48th and 64th bit positions (O16 to O64). Data at the D input is entered into the first bit on the LOW to HIGH transition of the clock, regardless of the state of PE/EO. When PE/EO is LOW the outputs are enabled and the device is in the 64-bit serial mode. When PE/EO is HIGH the outputs are disabled (high impedance OFF-state), the 64-bit shift register is divided into four 16-bit shift registers with D, O16, O32 and O48 as data inputs of the 1st, 17th, 33rd, and 49th bit respectively. Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock rise and fall times. FAMILY DATA, IDD LIMITS category LSI See Family Specifications Fig.1 Functional diagram. |
Similar Part No. - HEF4517B |
|
Similar Description - HEF4517B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |