Part Name
         Description
HN58X25128I

 Serial Peripheral Interface 128k EEPROM (16-kword × 8-bit) 256k EEPROM (32-kword × 8-bit) Electrically Erasable and Programmable Read Only Memory ( 22 Page)


RENESAS
100% 
Zoom Out Zoom In
 
 3 page
background image
HN58X25128I/HN58X25256I
Rev.3.00, Jul.06.2005, page 3 of 20
Block Diagram
High voltage generator
Memory array
Y-select & Sense amp.
Serial-parallel converter
VCC
VSS
S
W
C
HOLD
D
Q
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
−0.6 to + 7.0
V
Input voltage relative to VSS
VIN
−0.5*
2 to +7.0*3
V
Operating temperature range*
1
Topr
−40 to +85
°C
Storage temperature range
Tstg
−65 to +125
°C
Notes: 1. Including electrical characteristics and data retention.
2. VIN (min):
−3.0 V for pulse width ≤ 50 ns.
3. Should not exceed VCC
+ 1.0 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.8
5.5
V
VSS
0
0
0
V
Input voltage
VIH
VCC
× 0.7
VCC
+ 0.5*
2
V
VIL
−0.3*
1
VCC
× 0.3
V
Operating temperature range
Topr
−40
+85
°C
Notes: 1. VIN (min):
−1.0 V for pulse width ≤ 50 ns.
2. VIN (max): VCC + 1.0 V for pulse width
≤ 50 ns.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TU24C04CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MBM2716UV ERASABLE 16 384-BIT READ ONLY MEMORY 1 2 3 4 5 Fujitsu Component Limited.
MB71A38-25PROGRAMMABLE SCHOTTKY 16384-BIT READ ONLY MEMORY 1 2 3 4 5 MoreFujitsu Component Limited.
MB7137EPROGRAMMABLE SCHOTTKY 16384-BIT READ ONLY MEMORY 1 2 3 4 5 MoreFujitsu Component Limited.
M45PE1616 Mbit low-voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
M45PE80_068 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
MAS91868 X 8-bit D to A Converter 3-pin Serial Data Interface Low Voltage Output Buffer 1 2 3 4 5 MoreMicro Analog systems
M24128128 Kbit 64 Kbit and 32 Kbit serial I2C bus EEPROM 1 2 3 4 5 MoreSTMicroelectronics
AT25DF041A_074-megabit 2.7-volt Only Serial Firmware DataFlash Memory 1 2 3 4 5 MoreATMEL Corporation
ST7LITE0X8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl