Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3-4702-9Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # HD3-4702-9Z
Description  CMOS Programmable Bit Rate Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD3-4702-9Z Datasheet(HTML) 5 Page - Intersil Corporation

  HD3-4702-9Z Datasheet HTML 1Page - Intersil Corporation HD3-4702-9Z Datasheet HTML 2Page - Intersil Corporation HD3-4702-9Z Datasheet HTML 3Page - Intersil Corporation HD3-4702-9Z Datasheet HTML 4Page - Intersil Corporation HD3-4702-9Z Datasheet HTML 5Page - Intersil Corporation HD3-4702-9Z Datasheet HTML 6Page - Intersil Corporation HD3-4702-9Z Datasheet HTML 7Page - Intersil Corporation HD3-4702-9Z Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN2954.2
August 24, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Typical Derating Factor . . . . . . . . . . . 1mA/MHz Increase in ICCOP
Thermal Resistance (Typical)
θ
JA
θ
JC
CERDIP Package. . . . . . . . . . . . . . .
78oC/W
23oC/W
PDIP Package . . . . . . . . . . . . . . . . .
90oC/W
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Maximum Junction Temperature
Ceramic Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+175oC
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . .+300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .720 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range. . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
HD-4702-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
HD-4702-8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Electrical Specifications
VCC = 5V ±10%, TA = -40
oC to +85oC (HD-4702-9), T
A = -55
oC to +125oC (HD-4702-8)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST CONDITIONS
MIN
MAX
VIH
Input High Voltage
VCC 70%
-
V
VCC = 4.5V
VIL
Input Low Voltage
-
VCC 30%
V
VCC = 4.5V
VOH1
Output High Voltage
VCC -0.1
-
V
IOH ≤ -1μA, VCC = 4.5V, (Note 1)
VOL1
Output Low Voltage
-
0.1
V
IOL ≤ +1μA, VCC = 4.5V, (Note 1)
IIH
Input High Current
-1
+1
μAVIN = VCC, All 0ther Pins = 0V, VCC = 5.5V
IILX
Input Low Current
(lX Input)
-1
+1
μAVIN = 0V, All Other Pins = VCC, VCC = 5.5V
IIL
Input Low Current
(All Other Inputs)
--100
μAVIN = 0V, All Other Pins = VCC, VCC = 5.5V
(Note 2)
IOHX
Output High Current
(OX)
-0.1
-
mA
VOUT = VCC - 0.5, VCC = 4.5V, Input at 0V
or VCC per Logic Function or Truth Table
IOH1
Output High Current
(All Other Outputs)
-1.0
-
mA
VOUT = 2.5V, VCC = 4.5V, Input at 0V
or VCC per Logic Function or Truth Table
IOH2
Output High Current
(All Other Outputs)
-0.3
-
mA
VOUT = VCC -0.5, VCC = 4.5V, Input at 0V
or VCC per Logic Function or Truth Table
IOLX
Output Low Current
(OX)
0.1
-
mA
VOUT = 0.4V, VCC = 4.5V, Input at 0V
or VCC per Logic Function or Truth Table
IOL
Output Low Current
(All Other Outputs)
1.6
-
mA
VOUT = 0.4V, VCC = 4.5V Input, at 0V
or VCC per Logic Function or Truth Table
ICC
Supply Current
(Static)
-
1500
μAECP = VCC, CP = 0V, VCC = 5.5V,
All Other Inputs = GND, (Note 2)
-
1000
μAE
CP = VCC, CP = 0V, VCC = 5.5V,
All Other Inputs = VCC, (Note 2)
NOTES:
1. Interchanging of force and sense conditions is permitted.
2. Input Current and Quiescent Power Supply Current are relatively higher for this device because of active pull-up circuits on all inputs
except IX.
HD-4702


Similar Part No. - HD3-4702-9Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD3-4702-9Z RENESAS-HD3-4702-9Z Datasheet
461Kb / 8P
   CMOS Programmable Bit Rate Generator
More results

Similar Description - HD3-4702-9Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-4702 RENESAS-HD-4702 Datasheet
461Kb / 8P
   CMOS Programmable Bit Rate Generator
logo
Intersil Corporation
HD-4702 INTERSIL-HD-4702 Datasheet
80Kb / 8P
   CMOS Programmable Bit Rate Generator
June 1998
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Texas Instruments
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com