Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS82C54Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # IS82C54Z
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C54Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button IS82C54Z Datasheet HTML 6Page - Intersil Corporation IS82C54Z Datasheet HTML 7Page - Intersil Corporation IS82C54Z Datasheet HTML 8Page - Intersil Corporation IS82C54Z Datasheet HTML 9Page - Intersil Corporation IS82C54Z Datasheet HTML 10Page - Intersil Corporation IS82C54Z Datasheet HTML 11Page - Intersil Corporation IS82C54Z Datasheet HTML 12Page - Intersil Corporation IS82C54Z Datasheet HTML 13Page - Intersil Corporation IS82C54Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
82C54
the counters selected by setting their corresponding bits D3,
D2, D1 = 1.
The read-back command may be used to latch multiple
counter output latches (OL) by setting the COUNT bit D5 = 0
and selecting the desired counter(s). This signal command is
functionally equivalent to several counter latch commands,
one for each counter latched. Each counter’s latched count
is held until it is read (or the counter is reprogrammed). That
counter is automatically unlatched when read, but other
counters remain latched until they are read. If multiple count
read-back commands are issued to the same counter
without reading the count, all but the first are ignored; i.e.,
the count which will be read is the count at the time the first
read-back command was issued.
The read-back command may also be used to latch status
information of selected counter(s) by setting STATUS bit D4
= 0. Status must be latched to be read; status of a counter is
accessed by a read from that counter.
The counter status format is shown in Figure 6. Bits D5
through D0 contain the counter’s programmed Mode exactly
as written in the last Mode Control Word. OUTPUT bit D7
contains the current state of the OUT pin. This allows the
user to monitor the counter’s output via software, possibly
eliminating some hardware from a system.
NULL COUNT bit D6 indicates when the last count written to
the counter register (CR) has been loaded into the counting
element (CE). The exact time this happens depends on the
Mode of the counter and is described in the Mode Definitions,
but until the counter is loaded into the counting element (CE),
it can’t be read from the counter. If the count is latched or read
before this time, the count value will not reflect the new count
just written. The operation of Null Count is shown below.
THIS ACTION:
CAUSES:
A. Write to the control word register:(1) . . . . Null Count = 1
B. Write to the count register (CR):(2) . . . . . Null Count = 1
C. New count is loaded into CE (CR - CE) . . Null Count = 0
1. Only the counter specified by the control word will have its
null count set to 1. Null count bits of other counters are
unaffected.
2. If the counter is programmed for two-byte counts (least
significant byte then most significant byte) null count goes
to 1 when the second byte is written.
If multiple status latch operations of the counter(s) are
performed without reading the status, all but the first are
ignored; i.e., the status that will be read is the status of the
counter at the time the first status read-back command was
issued.
Both count and status of the selected counter(s) may be
latched simultaneously by setting both COUNT and STATUS
bits D5, D4 = 0. This is functionally the same as issuing two
separate read-back commands at once, and the above
discussions apply here also. Specifically, if multiple count
and/or status read-back commands are issued to the same
counter(s) without any intervening reads, all but the first are
ignored. This is illustrated in Figure 7.
If both count and status of a counter are latched, the first
read operation of that counter will return latched status,
regardless of which was latched first. The next one or two
reads (depending on whether the counter is programmed for
one or two type counts) return latched count. Subsequent
reads return unlatched count.
A0, A1 = 11; CS = 0; RD = 1; WR = 0
D7
D6
D5
D4
D3
D2
D1
D0
1
1
COUNT
STATUS
CNT 2CNT 1CNT 0
0
D5:0=Latch count of selected Counter (s)
D4:0=Latch status of selected Counter(s)
D3:1=Select Counter 2
D2:1=Select Counter 1
D1:1=Select Counter 0
D0:Reserved for future expansion; Must be 0
FIGURE 5. READ-BACK COMMAND FORMAT
D7
D6
D5
D4
D3
D2
D1
D0
OUTPUT
NULL
COUNT
RW1 RW0
M2
M1
M0
BCD
D7:1=Out pin is 1
0=Out pin is 0
D6:1=Null count
0=Count available for reading
D5-D0=Counter programmed mode (See Control Word Formats)
FIGURE 6. STATUS BYTE


Similar Part No. - IS82C54Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS82C54 INTERSIL-IS82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
IS82C54-10 INTERSIL-IS82C54-10 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
IS82C54-12 INTERSIL-IS82C54-12 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Similar Description - IS82C54Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com