Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C88 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CP82C88
Description  CMOS Bus Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C88 Datasheet(HTML) 3 Page - Intersil Corporation

  CP82C88 Datasheet HTML 1Page - Intersil Corporation CP82C88 Datasheet HTML 2Page - Intersil Corporation CP82C88 Datasheet HTML 3Page - Intersil Corporation CP82C88 Datasheet HTML 4Page - Intersil Corporation CP82C88 Datasheet HTML 5Page - Intersil Corporation CP82C88 Datasheet HTML 6Page - Intersil Corporation CP82C88 Datasheet HTML 7Page - Intersil Corporation CP82C88 Datasheet HTML 8Page - Intersil Corporation CP82C88 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN2979.2
August 25, 2005
Functional Description
The command logic decodes the three 80C86, 8086, 80C88,
8088, 80186, 80188 or 8089 status lines (S0, S1, S2) to
determine what command is to be issued (see Table 1).
I/O Bus Mode
The 82C88 is in the I/O Bus mode if the IOB pin is strapped
HIGH. In the I/O Bus mode, all I/O command lines IORC,
IOWC, AIOWC, INTA) are always enabled (i.e., not
dependent on AEN). When an I/O command is initiated by
the processor, the 82C88 immediately activates the
command lines using PDEN and DT/R to control the I/O bus
transceiver. The I/O command lines should not be used to
control the system bus in this configuration because no
arbitration is present. This mode allows one 82C88 Bus
Controller to handle two external busses. No waiting is
involved when the CPU wants to gain access to the I/O bus.
Normal memory access requires a “Bus Ready” signal (AEN
LOW) before it will proceed. It is advantageous to use the
IOB mode if I/O or peripherals dedicated to one processor
exist in a multi-processor system.
System Bus Mode
The 82C88 is in the System Bus mode if the IOB pin is
strapped LOW. In this mode, no command is issued until a
specified time period after the AEN line is activated (LOW).
This mode assumes bus arbitration logic will inform the bus
controller (on the AEN line) when the bus is free for use.
Both memory and I/O commands wait for bus arbitration.
This mode is used when only one bus exists. Here, both I/O
and memory are shared by more than one processor.
Command Outputs
The advanced write commands are made available to initiate
write procedures early in the machine cycle. This signal can
be used to prevent the processor from entering an
unnecessary wait state.
INTA (Interrupt Acknowledge) acts as an I/O read during an
interrupt cycle. Its purpose is to inform an interrupting device
that its interrupt is being acknowledged and that it should
place vectoring information onto the data bus.
The command outputs are:
MRDC - Memory Read Command
MWTC - Memory Write Command
IORC - I/O Read Command
IOWC - I/O Write Command
AMWC - Advanced Memory Write Command
AIOWC - Advanced I/O Write Command
INTA - Interrupt Acknowledge
AMWC
8
O
ADVANCED MEMORY WRITE COMMAND: The AMWC issues a memory write command earlier in the machine
cycle to give memory devices an early indication of a write instruction. Its timing is the same as a read command
signal. AMWC is active LOW.
MWTC
9
O
MEMORY WRITE COMMAND: This command line instructs the memory to record the data present on the data
bus. This signal is active LOW.
MRDC
7
O
MEMORY READ COMMAND: This command line instructs the memory to drive its data onto the data bus. MRDC
is active LOW.
INTA
14
O
INTERRUPT ACKNOWLEDGE: This command line tells an interrupting device that its interrupt has been
acknowledged and that it should drive vectoring information onto the data bus. This signal is active LOW.
MCE/PDEN
17
O
This is a dual function pin. MCE (IOB IS TIED LOW) Master Cascade Enable occurs during an interrupt sequence
and serves to read a Cascade Address from a master 82C59A Priority Interrupt Controller onto the data bus. The
MCE signal is active HIGH. PDEN (IOB IS TIED HIGH): Peripheral Data Enable enables the data bus transceiver
for the I/O bus that DEN performs for the system bus. PDEN is active LOW.
Pin Description (Continued)
PIN
SYMBOL
NUMBER
TYPE
DESCRIPTION
TABLE 1. COMMAND DECODE DEFINITION
S2
S1
S0
PROCESSOR STATE
82C88
COMMAND
0
0
0
Interrupt Acknowledge
INTA
0
0
1
Read I/O Port
IORC
0
1
0
Write I/O Port
IOWC, AIOWC
0
1
1
Halt
None
1
0
0
Code Access
MRDC
1
0
1
Read Memory
MRDC
1
1
0
Write Memory
MWTC, AMWC
111
Passive
None
82C88
82C88


Similar Part No. - CP82C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP82C88 INTERSIL-CP82C88 Datasheet
129Kb / 10P
   CMOS Bus Controller
March 1997
CP82C88-10 INTERSIL-CP82C88-10 Datasheet
129Kb / 10P
   CMOS Bus Controller
March 1997
logo
Renesas Technology Corp
CP82C88Z RENESAS-CP82C88Z Datasheet
612Kb / 12P
   CMOS Bus Controller
More results

Similar Description - CP82C88

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
   CMOS Bus Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
129Kb / 10P
   CMOS Bus Controller
March 1997
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
   CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
OKI electronic componet...
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
   BUS CONTROLLER
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
   Peripheral Bus Controller
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Intel Corporation
82344 INTEL-82344 Datasheet
911Kb / 13P
   ISA BUS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com