Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ82C55AZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # CQ82C55AZ
Description  CMOS Programmable Peripheral Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CQ82C55AZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CQ82C55AZ Datasheet HTML 7Page - Intersil Corporation CQ82C55AZ Datasheet HTML 8Page - Intersil Corporation CQ82C55AZ Datasheet HTML 9Page - Intersil Corporation CQ82C55AZ Datasheet HTML 10Page - Intersil Corporation CQ82C55AZ Datasheet HTML 11Page - Intersil Corporation CQ82C55AZ Datasheet HTML 12Page - Intersil Corporation CQ82C55AZ Datasheet HTML 13Page - Intersil Corporation CQ82C55AZ Datasheet HTML 14Page - Intersil Corporation CQ82C55AZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
FN2969.10
November 16, 2006
Operating Modes
Mode 2 (Strobed Bidirectional Bus I/O)
This functional configuration provides a means for
communicating with a peripheral device or structure on a
single 8-bit bus for both transmitting and receiving data
(bidirectional bus I/O). “Hand shaking” signals are provided to
maintain proper bus flow discipline similar to Mode 1. Interrupt
generation and enable/disable functions are also available.
Mode 2 Basic Functional Definitions:
• Used in Group A only
• One 8-bit, bidirectional bus Port (Port A) and a 5-bit
control Port (Port C)
• Both inputs and outputs are latched
• The 5-bit control port (Port C) is used for control and
status for the 8-bit, bidirectional bus port (Port A)
Bidirectional Bus I/O Control Signal Definition
(Figures 11, 12, 13, 14)
INTR - (Interrupt Request). A high on this output can be
used to interrupt the CPU for both input or output operations.
Output Operations
OBF - (Output Buffer Full). The OBF output will go “low” to
indicate that the CPU has written data out to port A.
ACK - (Acknowledge). A “low” on this input enables the three-
state output buffer of port A to send out the data. Otherwise,
the output buffer will be in the high impedance state.
INTE 1 - (The INTE flip-flop associated with OBF).
Controlled by bit set/reset of PC4.
Input Operations
STB - (Strobe Input). A “low” on this input loads data into the
input latch.
IBF - (Input Buffer Full F/F). A “high” on this output indicates
that data has been loaded into the input latch.
INTE 2 - (The INTE flip-flop associated with IBF). Controlled
by bit set/reset of PC4.
FIGURE 9. MODE 1 (STROBED OUTPUT)
tWOB
tWB
tAK
tAIT
tAOB
tWIT
OBF
WR
INTR
ACK
OUTPUT
Combinations of Mode 1: Port A and Port B can be individually defined as input or output in Mode 1 to support a wide variety of strobed I/O applications.
FIGURE 10. COMBINATIONS OF MODE 1
1
D7
0
D6
1
D5
1
D4
1/0
D3 D2 D1 D0
CONTROL WORD
PORT A - (STROBED INPUT)
PC4
8
OBFB
PA7-PA0
STBA
INTRB
PC0
PC6, PC7
2
WR
PC6, PC7
1 = INPUT
0 = OUTPUT
PORT B - (STROBED OUTPUT)
8
IIBFA
PC5
INTRA
PC3
ACKB
PC2
I/O
PC1
PB7, PB0
RD
10
1
D7
0
D6
1
D5
0
D4
1/0
D3 D2 D1 D0
CONTROL WORD
PORT A - (STROBED OUTPUT)
PC7
8
STBB
PA7-PA0
OBFA
INTRB
PC0
PC4, PC5
2
RD
PC4, PC5
1 = INPUT
0 = OUTPUT
PORT B - (STROBED INPUT)
8
ACKA
PC6
INTRA
PC3
IBFB
PC1
I/O
PC2
PB7, PB0
WR
11
82C55A


Similar Part No. - CQ82C55AZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CQ82C55AZ INTERSIL-CQ82C55AZ Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
More results

Similar Description - CQ82C55AZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com