Electronic Components Datasheet Search |
|
LM1117RS Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co. |
|
LM1117RS Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co. |
5 / 11 page 1A L.D.O. VOLTAGE REGULATOR LM1117S/RS/F ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-2.5 (Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified) Output Voltage VIN = 4.0 to 12V, IO = 0㎃ to 1A Output Voltage VIN=4.0 to 12V, IO=0㎃ to 1A (Tj = 0~125℃) Line Regulation VIN = 4.0 to 12V, IO = 10㎃ Load Regulation VIN = 4.5V, IO = 0 to 1A Temperature Stability Long Term Stability 1000 hrs, TJ = 125℃ Operating Input Voltage IO = 100㎃ Quiescent Current VIN -Vo = 5V Current Limit VIN -Vo = 5V Output Noise Voltage B = 10㎐ to 10㎑, TJ = 25℃ IO = 40㎃ , f = 120㎐, TJ = 25℃ VIN = 5.5V, VNIPPLE = 1VPP IO = 100㎃ IO = 500㎃ IO = 1A Thermal Regulation TA = 25℃ 30㎳ Pulse ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-2.85 (Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified) Output Voltage VIN = 4.4 to 12V, IO = 0㎃ to 1A Output Voltage VIN=4.4 to 12V, IO=0㎃ to 1A (Tj = 0~125℃) Line Regulation VIN = 4.4 to 12V, IO = 10㎃ Load Regulation VIN = 4.85V, IO = 0 to 1A Temperature Stability Long Term Stability 1000 hrs, TJ = 125℃ Operating Input Voltage IO = 100㎃ Quiescent Current VIN -Vo = 5V Current Limit VIN -Vo = 5V Output Noise Voltage B = 10㎐ to 10㎑, TJ = 25℃ IO = 40㎃ , f = 120㎐, TJ = 25℃ VIN = 5.85V, VNIPPLE = 1VPP IO = 100㎃ IO = 500㎃ IO = 1A Thermal Regulation TA = 25℃ 30㎳ Pulse Jan. 2007 - Rev 1.0 HTC 5 VO 2.475 ΔVO ID VO VO 2.450 2.5 2.525 V UNIT MAX. TYP. 0.1 0.2 V 2.550 PARAMETER SYMBOL TEST CONDITION MIN. 0.2 % % % 0.4 0.1 0.2 ΔVO 0.5 ΔVO 2.85 % VIN 12 V ΔVO 0.3 510 ㎃ TYP. MAX. UNIT V 1.1 PARAMETER SYMBOL TEST CONDITION MIN. 100 V ㎃ 2.878 ㎶ ㏈ V 1.2 IO 1000 1250 1600 Supply Voltage Rejection SVR 60 75 EN Dropout Voltage VD 1.0 1.2 1.1 0.4 1.3 V %/W % 2.907 V 0.01 0.1 VO % ΔVO 0.5 % ΔVO ΔVO % V ㎃ 2.821 2.793 12 0.2 ΔVO 0.3 IO 1000 1250 1600 VIN ㎃ ID 510 ㎶ Supply Voltage Rejection SVR 60 75 ㏈ EN 100 Dropout Voltage VD 1.0 1.2 1.1 V 1.1 1.2 V 1.3 V 0.003 %/W |
Similar Part No. - LM1117RS |
|
Similar Description - LM1117RS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |