Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117RS Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117RS
Description  1A L.D.O. VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117RS Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117RS Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117RS Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1A L.D.O. VOLTAGE REGULATOR
LM1117S/RS/F
ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-3.3
(Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified)
Output Voltage
VIN = 4.8 to 12V, IO = 0㎃ to 1A
Output Voltage
VIN=4.8 to 12V, IO=0㎃ to 1A (Tj = 0~125℃)
Line Regulation
VIN = 4.8 to 12V, IO = 10㎃
Load Regulation
VIN = 5.3V, IO = 0 to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
IO = 100㎃
Quiescent Current
VIN -Vo = 5V
Current Limit
VIN -Vo = 5V
Output Noise Voltage
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN = 6.3V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 1A
Thermal Regulation
TA = 25℃ 30㎳ Pulse
ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-5.0
(Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified)
Output Voltage
VIN = 6.5 to 15V, IO = 0㎃ to 1A
Output Voltage
VIN=6.5 to 15V, IO=0㎃ to 1A (Tj = 0~125℃)
Line Regulation
VIN = 6.5 to 15V, IO = 10㎃
Load Regulation
VIN = 7.0V, IO = 0 to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
IO = 100㎃
Quiescent Current
VIN -Vo = 5V
Current Limit
VIN -Vo = 5V
Output Noise Voltage
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN = 6.3V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 1A
Thermal Regulation
TA = 25℃ 30㎳ Pulse
Jan. 2007 - Rev 1.0
HTC
6
TYP.
MAX.
UNIT
PARAMETER
SYMBOL
TEST CONDITION
MIN.
V
VO
3.234
3.366
V
VO
3.267
3.3
3.333
%
ΔVO
0.2
0.4
%
ΔVO
0.1
0.2
%
ΔVO
0.3
%
ΔVO
0.5
V
ID
510
VIN
12
EN
100
IO
1000
1250
1600
Supply Voltage Rejection
SVR
60
75
Dropout Voltage
VD
1.0
1.1
V
1.1
1.2
V
1.2
1.3
V
%/W
0.003
UNIT
VO
4.950
5.0
5.050
V
SYMBOL
MIN.
TYP.
MAX.
V
ΔVO
0.1
0.2
%
VO
4.900
5.100
%
ΔVO
0.5
%
ΔVO
0.2
0.4
%
15
V
0.3
1600
100
1000
1250
510
PARAMETER
TEST CONDITION
VIN
ΔVO
IO
EN
Supply Voltage Rejection
SVR
60
75
ID
Dropout Voltage
VD
1.0
1.2
1.1
V
1.1
1.2
V
1.3
V
0.003
%/W


Similar Part No. - LM1117RS

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117RS-1.2V HTC-LM1117RS-1.2V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117RS-1.5V HTC-LM1117RS-1.5V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117RS-1.8V HTC-LM1117RS-1.8V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117RS-2.5V HTC-LM1117RS-2.5V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117RS-2.85V HTC-LM1117RS-2.85V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results

Similar Description - LM1117RS

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com