Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C54-10Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # CP82C54-10Z
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C54-10Z Datasheet(HTML) 3 Page - Intersil Corporation

  CP82C54-10Z Datasheet HTML 1Page - Intersil Corporation CP82C54-10Z Datasheet HTML 2Page - Intersil Corporation CP82C54-10Z Datasheet HTML 3Page - Intersil Corporation CP82C54-10Z Datasheet HTML 4Page - Intersil Corporation CP82C54-10Z Datasheet HTML 5Page - Intersil Corporation CP82C54-10Z Datasheet HTML 6Page - Intersil Corporation CP82C54-10Z Datasheet HTML 7Page - Intersil Corporation CP82C54-10Z Datasheet HTML 8Page - Intersil Corporation CP82C54-10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
82C54
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range. . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
CX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
IX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
MD82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
55
12
CLCC Package. . . . . . . . . . . . . . . . . . .
65
14
PDIP Package*. . . . . . . . . . . . . . . . . . .
55
N/A
PLCC Package. . . . . . . . . . . . . . . . . . .
60
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Maximum Junction Temperature Ceramic Package. . . . . . . .+175oC
Maximum Junction Temperature Plastic Package . . . . . . . . .+150oC
Maximum Lead Temperature Package (Soldering 10s) . . . . .+300oC
(PLCC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2250 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VCC = +5.0V ± 10%, Includes all Temperature Ranges
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
-
V
CX82C54, IX82C54
2.2
-
V
MD82C54
VIL
Logical Zero Input Voltage
-
0.8
V
-
VOH
Output HIGH Voltage
3.0
-
V
IOH = -2.5mA
VCC -0.4
-
V
IOH = -100
µA
VOL
Output LOW Voltage
-
0.4
V
IOL = +2.5mA
II
Input Leakage Current
-1
+1
µA
VIN = GND or VCC
DIP Pins 9,11,14-16,18-23
IO
Output Leakage Current
-10
+10
µA
VOUT = GND or VCC
DIP Pins 1-8
ICCSB
Standby Power Supply Current
-
10
µAV
CC = 5.5V, VIN = GND or VCC,
Outputs Open, Counters
Programmed
ICCOP
Operating Power Supply Current
-
10
mA
VCC = 5.5V,
CLK0 = CLK1 = CLK2 = 8MHz,
VIN = GND or VCC,
Outputs Open
Capacitance
TA = +25
oC; All Measurements Referenced to Device GND, Note 1
SYMBOL
PARAMETER
TYP
UNITS
TEST CONDITIONS
CIN
Input Capacitance
20
pF
FREQ = 1MHz
COUT
Output Capacitance
20
pF
FREQ = 1MHz
CI/O
I/O Capacitance
20
pF
FREQ = 1MHz
NOTE:
1. Not tested, but characterized at initial design and at major process/design changes.


Similar Part No. - CP82C54-10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP82C54-10 INTERSIL-CP82C54-10 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Similar Description - CP82C54-10Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com