Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C89Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # CP82C89Z
Description  CMOS Bus Arbiter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C89Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CP82C89Z Datasheet HTML 5Page - Intersil Corporation CP82C89Z Datasheet HTML 6Page - Intersil Corporation CP82C89Z Datasheet HTML 7Page - Intersil Corporation CP82C89Z Datasheet HTML 8Page - Intersil Corporation CP82C89Z Datasheet HTML 9Page - Intersil Corporation CP82C89Z Datasheet HTML 10Page - Intersil Corporation CP82C89Z Datasheet HTML 11Page - Intersil Corporation CP82C89Z Datasheet HTML 12Page - Intersil Corporation CP82C89Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN2980.2
February 27, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range. . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C89 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
M82C89 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Thermal Resistance (Note 1)
θJA (°C/W) θJC (°C/W)
CERDIP Package. . . . . . . . . . . . . . . . .
80
20
PDIP Package* . . . . . . . . . . . . . . . . . .
75
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature
Ceramic Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Electrical Specifications
VCC = 5.0V ± 10%;
TA = 0°C to +70°C (C82C89);
TA = -55°C to +125°C (M82C89)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNITS
VIH
Logical One Input Voltage
C82C89,
M82C89, Note 1
2.0
2.2
-
-
V
V
VIL
Logical Zero Input Voltage
Note 1
-
0.8
V
VIHC
CLK Logical One Input Voltage
0.7 VCC
-
V
VILC
CLK Logical Zero Input Voltage
-
0.2 VCC
V
VOL
Output Low Voltage
BUSY, CBRQ
IOL = 20mA
-
0.45
V
AEN
IOL = 16mA
-
0.45
V
BPRO, BREQ
IOL = 8mA
-
0.45
V
VOH1
Output High Voltage
BUSY, CBRQ
Open-Drain
VOH2
Output High Voltage
IOH = -2.5mA
3.0
-
V
All Other Outputs
IOH = -100µAVCC -0.4
-
V
II
Input Leakage Current
VIN = GND or VCC, DIP Pins 1-6, 9, 14-19
-1.0
1.0
µA
IO
I/O Leakage
VO = GND or VCC, DIP Pins 11-12
-10.0
10.0
µA
ICCSB
Standby Power Supply
VCC = 5.5V, VIN = VCC or GND, Outputs Open
-
10
µA
ICCOP
Operating Power Supply Current
VCC = 5.5V, Outputs Open, Note 2
-
1
mA/MHz
NOTES:
1. Does not apply to IOB, RESB, or ANYRQST. These are strap options and should be held to VCC or GND.
2. Maximum current defined by CLK or BCLK, whichever has the highest operating frequency
Capacitance TA = +25°C
SYMBOL
PARAMETER
TEST CONDITIONS
TYPICAL
UNITS
CIN
Input Capacitance
FREQ = 1MHz, all measurements are
referenced to device GND
10
pF
COUT
Output Capacitance
10
pF
CIO
I/O Capacitance
15
pF
82C89


Similar Part No. - CP82C89Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CP82C89Z RENESAS-CP82C89Z Datasheet
660Kb / 14P
   CMOS Bus Arbiter
More results

Similar Description - CP82C89Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
   CMOS Bus Arbiter
logo
Intersil Corporation
82C89 INTERSIL-82C89 Datasheet
123Kb / 15P
   CMOS Bus Arbiter
March 1997
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Actel Corporation
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
NXP Semiconductors
74F786 PHILIPS-74F786 Datasheet
95Kb / 12P
   4-bit asynchronous bus arbiter
1991 Feb 14
logo
Siemens Semiconductor G...
SAB82289 SIEMENS-SAB82289 Datasheet
949Kb / 34P
   Bus Arbiter for SAB80286 Processors
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
   PCI Arbiter
logo
Xilinx, Inc
DS495 XILINX-DS495 Datasheet
625Kb / 12P
   PCI Arbiter
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
   CMOS Bus Controller
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
   PCI Arbiter Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com