Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117F Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117F
Description  1A L.D.O. VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117F Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117F Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1A L.D.O. VOLTAGE REGULATOR
LM1117S/RS/F
Figure 4. Active Terminator for SCSI-2 BUS
Figure 5. Voltage Regulator With Reference
Jan. 2007 - Rev 1.0
HTC
8
4.75V
TO
5.25V
+
10㎌
LM1117S-28
IN
(2.85V)
GND
+ 22㎌
110
110
110
110
18-27
LINES
LM1117S-50
IN
OUT
GND
100㎌
10㎌
VIN>11.5V
+
10V
+
5VOUT


Similar Part No. - LM1117F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117F-1.2V HTC-LM1117F-1.2V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117F-1.5V HTC-LM1117F-1.5V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117F-1.8V HTC-LM1117F-1.8V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117F-2.5V HTC-LM1117F-2.5V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM1117F-2.85V HTC-LM1117F-2.85V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results

Similar Description - LM1117F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com