Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM-6551 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HM-6551
Description  256 x 4 CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-6551 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HM-6551 Datasheet HTML 2Page - Intersil Corporation HM-6551 Datasheet HTML 3Page - Intersil Corporation HM-6551 Datasheet HTML 4Page - Intersil Corporation HM-6551 Datasheet HTML 5Page - Intersil Corporation HM-6551 Datasheet HTML 6Page - Intersil Corporation HM-6551 Datasheet HTML 7Page - Intersil Corporation HM-6551 Datasheet HTML 8Page - Intersil Corporation HM-6551 Datasheet HTML 9Page - Intersil Corporation HM-6551 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Timing Waveforms (Continued)
In the Write Cycle the falling edge of E latches the addresses
and S2 into on-chip registers. S2 must be latched in the low
state to enable the device. The write portion of the cycle is
defined as E, W, S1 being low and S2 being latched
simultaneously. The W line may go low at any time during the
cycle providing that the write pulse setup times (TWLEH and
TWLS1H) are met. The write portion of the cycle is terminated
on the first rising edge of either E, W, or S1.
If a series of consecutive write cycles are to be executed, the
W line may be held low until all desired locations have been
written. If this method is used, data setup and hold times must
be referenced to the first rising edge of E or S1. By positioning
the write pulse at different times within the E and S1 low time
(TELEH), various types of write cycles may be performed. If
the S1 low time (TS1LS1H) is greater than the W pulse, plus
an output enable time (TS1LQX), a combination read-write
cycle is executed. Data may be modified an indefinite number
of times during any write cycle (TELEH).
The HM-6551/883 may be used on a common I/O bus
structure by tying the input and output pins together. The
multiplexing is accomplished internally by the W line. In the
write cycle, when W goes low, the output buffers are forced to
a high impedance state. One output disable time delay
(TWLQZ) must be allowed before applying input data to the
bus.
(8) TAVEL
VALID
(8) TAVEL
NEXT
TELEH (6)
(11)
TWHDX (13)
TELEL (19)
(9) TS2LEL
TEHEL (7)
TELS2X
(9) TS2LEL
TWLEH (15)
TDVWH (12)
TWLWH (18)
TS1LWH (16)
TWLS1H (14)
-1
TIME
01
2
3
4
5
REFERENCE
A
E
S2
D
W
S1
(10)
TELAX
TEHEL (7)
DATA VALID
TELWH (17)
FIGURE 2. WRITE CYCLE
TRUTH TABLE
TIME
REFERENCE
INPUTS
OUTPUTS
FUNCTION
E
S1
S2
W
A
D
Q
-1
H
H
X
X
X
X
Z
Memory Disabled
0
X
L
X
V
X
Z
Cycle Begins, Addresses and S2 are
Latched
1
L
L
X
X
X
Z
Write Period Begins
2
L
L
X
X
V
Z
Data In is Written
3
X
X
H
X
X
Z
Write is Completed
4
H
H
X
X
X
X
Z
Prepare for Next Cycle (Same as -1)
5
X
L
X
V
X
Z
Cycle Ends, Next Cycle Begins (Same
as 0)
HM-6551/883
HM-6551/883


Similar Part No. - HM-6551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6551883 INTERSIL-HM-6551883 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6551B883 INTERSIL-HM-6551B883 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results

Similar Description - HM-6551

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
   256 x 4 CMOS RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com