Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117F-ADJ Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117F-ADJ
Description  1A L.D.O. VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117F-ADJ Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117F-ADJ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1A L.D.O. VOLTAGE REGULATOR
LM1117S/RS/F
Maximum Output Current Capability
The LM1117 can deliver a continuous current of 1A over the full operating junction temperature range. However, the
current is limited by the restriction of power dissipation which differs from packages. A heat sink may be required
depending on the maximum power dissipation and maximum ambient temperature of application. With respect to th
applied package, the maximum output current of 1A may be still undeliverable due to the restriction of the power diss
of LM1117. Under all possible conditions, the junction temperature must be within the range specified under
operating conditions. The temperatures over the device are given by:
TC = TA + PD X θCA
TJ = TC + PD X θJC
TJ = TA + PD X θJA
TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the total power dissi
of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal resistance of junction-to-case,
and θJA is the thermal resistance of junction to ambient. The total power dissipation of the device is given by
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics. The max
allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the application
and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θ JA, can be calculated using the formula:
θJA = TRmax / PD
LM1117 is available in SOT223, TO252 packages. The thermal resistance depends on amount of copper area or he
and on air flow. If the maximum allowable value of θJA calculated above is over 130°C/W for SO-223 package, over
for TO252 package, no heat sink is needed since the package can dissipate enough heat to satisfy these
requirements. If the value for allowable θJA falls near or below these limits, a heat sink or proper area of cop
plane is required. In summary, the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
No heat sink / No air flow / No adjacent heat source / 0.066 inch
2 copper area
Jan. 2007 - Rev 1.0
HTC
Max. Rating
Unit
Thermal Resistance Junction-To-Ambient / TO252
θJA-TO252
93
°C/W
Thermal Resistance Junction-To-Ambient / SOT223
θJA-SOT223
130
°C/W
Characteristic
Symbol
11
Thermal Resistance Junction-To-Ambient / SOT89
θJA-SOT89
315
°C/W


Similar Part No. - LM1117F-ADJ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117F-ADJ HTC-LM1117F-ADJ Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results

Similar Description - LM1117F-ADJ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com