Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS82C37A-12 Datasheet(PDF) 10 Page - Intersil Corporation

Part # IS82C37A-12
Description  CMOS High Performance Programmable DMA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C37A-12 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button IS82C37A-12 Datasheet HTML 6Page - Intersil Corporation IS82C37A-12 Datasheet HTML 7Page - Intersil Corporation IS82C37A-12 Datasheet HTML 8Page - Intersil Corporation IS82C37A-12 Datasheet HTML 9Page - Intersil Corporation IS82C37A-12 Datasheet HTML 10Page - Intersil Corporation IS82C37A-12 Datasheet HTML 11Page - Intersil Corporation IS82C37A-12 Datasheet HTML 12Page - Intersil Corporation IS82C37A-12 Datasheet HTML 13Page - Intersil Corporation IS82C37A-12 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
FN2967.2
March 20, 2006
82C37A
both be ones. See the following diagram and Figure 4 for
Mode register functions and addresses.
Request Register - The 82C37A can respond to requests
for DMA service which are initiated by software as well as by
a DREQ. Each channel has a request bit associated with it in
the 4-bit Request register. These are non-maskable and
subject to prioritization by the Priority Encoder network.
Each register bit is set or reset separately under software
control. The entire register is cleared by a Reset or Master
Clear instruction. To set or reset a bit, the software loads the
proper form of the data word. See Figure 4 for register
address coding, and the following diagram for Request
register format. A software request for DMA operation can
be made in block or single modes. For memory-to-memory
transfers, the software request for channel 0 should be set.
When reading the Request register, bits 4-7 will always read
as ones, and bits 0-3 will display the request bits of channels
0-3 respectively.
Mask Register - Each channel has associated with it a mask
bit which can be set to disable an incoming DREQ. Each
mask bit is set when its associated channel produces an EOP
if the channel is not programmed to Autoinitialize. Each bit of
the 4-bit Mask register may also be set or cleared separately
or simultaneously under software control. The entire register
is also set by a Reset or Master clear. This disables all
hardware DMA requests until a Clear Mask Register
instruction allows them to occur. The instruction to separately
set or clear the mask bits is similar in form to that used with
the Request register. Refer to the following diagram and
Figure 4 for details. When reading the Mask register, bits 4-7
will always read as logical ones, and bits 0-3 will display the
mask bits of channels 0-3, respectively. The 4 bits of the Mask
register may be cleared simultaneously by using the Clear
Mask Register command (see software commands section).
All four bits of the Mask register may also be written with a
single command.
Status Register - The Status register is available to be read
out of the 82C37A by the microprocessor. It contains
information about the status of the devices at this point. This
information includes which channels have reached a terminal
count and which channels have pending DMA requests. Bits
0-3 are set every time a TC is reached by that channel or an
external EOP is applied. These bits are cleared upon RESET,
Master Clear, and on each Status Read. Bits 4-7 are set
whenever their corresponding channel is requesting service,
regardless of the mask bit state. If the mask bits are set,
software can poll the Status register to determine which
channels have DREQs, and selectively clear a mask bit, thus
allowing user defined service priority. Status bits 4-7 are
updated while the clock is high, and latched on the falling
Mode Register
7 6543210
BIT NUMBER
00
01
10
11
XX
Channel 0 select
Channel 1 select
Channel 2 select
Channel 3 select
Readback
00
01
10
11
XX
Verify transfer
Write transfer
Read transfer
Illegal
If bits 6 and 7 = 11
0
1
Autoinitialization disable
Autoinitialization enable
0
1
Address increment select
Address decrement select
00
01
10
11
Demand mode select
Single mode select
Block mode select
Cascade mode select
Request Register
7 6543210
BIT NUMBER
00
01
10
11
Select Channel 0
Select Channel 1
Select Channel 2
Select Channel 3
0
1
Reset request bit
Set request bit
Don’t Care,
Write
Bits 4-7
All Ones,
Read
Mask Register
76543210
BIT NUMBER
00
01
10
11
Select Channel 0 mask bit
Select Channel 1 mask bit
Select Channel 2 mask bit
Select Channel 3 mask bit
0
1
Clear mask bit
Set mask bit
76543210
BIT NUMBER
0
1
Clear Channel 0 mask bit
Set Channel 0 mask bit
0
1
Clear Channel 1 mask bit
Set Channel 1 mask bit
0
1
Clear Channel 2 mask bit
Set Channel 2 mask bit
0
1
Clear Channel 3 mask bit
Set Channel 3 mask bit
Don’t Care
Don’t Care,
Write
All Ones,
Read
82C37A


Similar Part No. - IS82C37A-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS82C37A-12 INTERSIL-IS82C37A-12 Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
IS82C37A-12 HARRIS-IS82C37A-12 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
More results

Similar Description - IS82C37A-12

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com