Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS82C54-10Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # IS82C54-10Z
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C54-10Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button IS82C54-10Z Datasheet HTML 7Page - Intersil Corporation IS82C54-10Z Datasheet HTML 8Page - Intersil Corporation IS82C54-10Z Datasheet HTML 9Page - Intersil Corporation IS82C54-10Z Datasheet HTML 10Page - Intersil Corporation IS82C54-10Z Datasheet HTML 11Page - Intersil Corporation IS82C54-10Z Datasheet HTML 12Page - Intersil Corporation IS82C54-10Z Datasheet HTML 13Page - Intersil Corporation IS82C54-10Z Datasheet HTML 14Page - Intersil Corporation IS82C54-10Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
82C54
MODE DEFINITIONS
The following are defined for use in describing the operation
of the 82C54.
CLK PULSE - A rising edge, then a falling edge, in that
order, of a Counter’s CLK input.
TRIGGER - A rising edge of a Counter’s Gate input.
COUNTER LOADING - The transfer of a count from the CR
to the CE (See “Functional Description”)
MODE 0: INTERRUPT ON TERMINAL COUNT
Mode 0 is typically used for event counting. After the Control
Word is written, OUT is initially low, and will remain low until
the Counter reaches zero. OUT then goes high and remains
high until a new count or a new Mode 0 Control Word is
written to the Counter.
GATE = 1 enables counting; GATE = 0 disables counting.
GATE has no effect on OUT.
After the Control Word and initial count are written to a
Counter, the initial count will be loaded on the next CLK
pulse. This CLK pulse does not decrement the count, so for
an initial count of N, OUT does not go high until N + 1 CLK
pulses after the initial count is written.
If a new count is written to the Counter it will be loaded on
the next CLK pulse and counting will continue from the new
count. If a two-byte count is written, the following happens:
1. Writing the first byte disables counting. Out is set low
immediately (no clock pulse required).
2. Writing the second byte allows the new count to be
loaded on the next CLK pulse.
This allows the counting sequence to be synchronized by
software. Again OUT does not go high until N + 1 CLK
pulses after the new count of N is written.
COMMANDS
DESCRIPTION
RESULT
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
0
0
0
1
0
Read-Back Count and Status of Counter 0
Count and Status Latched for Counter 0
1
1
1
0
0
1
0
0
Read-Back Status of Counter 1
Status Latched for Counter 1
1
1
1
0
1
1
0
0
Read-Back Status of Counters 2, 1
Status Latched for Counter 2,
But Not Counter 1
1
1
0
1
1
0
0
0
Read-Back Count of Counter 2
Count Latched for Counter 2
1
1
0
0
0
1
0
0
Read-Back Count and Status of Counter 1
Count Latched for Counter 1,
But Not Status
1
1
1
0
0
0
1
0
Read-Back Status of Counter 1
Command Ignored, Status Already
Latched for Counter 1
FIGURE 7. READ-BACK COMMAND EXAMPLE
CS
RD
WR
A1
A0
01000
Write into Counter 0
01001
Write into Counter 1
01010
Write into Counter 2
01011
Write Control Word
00100
Read from Counter 0
00101
Read from Counter 1
00110
Read from Counter 2
00111
No-Operation (Three-State)
1
XXXX
No-Operation (Three-State)
0
1
1
X
X
No-Operation (Three-State)
FIGURE 8. READ/WRITE OPERATIONS SUMMARY


Similar Part No. - IS82C54-10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS82C54-10 INTERSIL-IS82C54-10 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Similar Description - IS82C54-10Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com