Electronic Components Datasheet Search |
|
LM1117S-ADJ Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co. |
|
LM1117S-ADJ Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co. |
4 / 11 page 1A L.D.O. VOLTAGE REGULATOR LM1117S/RS/F ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-1.5 (Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified) Output Voltage VIN = 3.0 to 12V, IO = 0㎃ to 1A Output Voltage VIN=3.0 to 12V, IO=0㎃ to 1A (Tj = 0~125℃) Line Regulation VIN = 3.0 to 12V, IO = 0㎃ Load Regulation VIN = 3.5V, IO = 0 to 1A Temperature Stability Long Term Stability 1000 hrs, TJ = 125℃ Operating Input Voltage IO = 100㎃ Quiescent Current VIN -Vo = 5V Current Limit VIN -Vo = 5V Output Noise Voltage B = 10㎐ to 10㎑, TJ = 25℃ IO = 40㎃ , f = 120㎐, TJ = 25℃ VIN = 5.5V, VNIPPLE = 1VPP IO = 100㎃ IO = 500㎃ IO = 1A Thermal Regulation TA = 25℃ 30㎳ Pulse ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-1.8 (Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified) Output Voltage VIN = 3.3 to 12V, IO = 0㎃ to 1A Output Voltage VIN=3.3 to 12V, IO=0㎃ to 1A (Tj = 0~125℃) Line Regulation VIN = 3.3 to 12V, IO = 10㎃ Load Regulation VIN = 3.8V, IO = 0 to 1A Temperature Stability Long Term Stability 1000 hrs, TJ = 125℃ Operating Input Voltage IO = 100㎃ Quiescent Current VIN -Vo = 5V Current Limit VIN -Vo = 5V Output Noise Voltage B = 10㎐ to 10㎑, TJ = 25℃ IO = 40㎃ , f = 120㎐, TJ = 25℃ VIN = 5.5V, VNIPPLE = 1VPP IO = 100㎃ IO = 500㎃ IO = 1A Thermal Regulation TA = 25℃ 30㎳ Pulse Jan. 2007 - Rev 1.0 HTC 4 1.3 V 0.003 %/W 1.1 V 1.1 1.2 V Dropout Voltage VD 1.0 1.2 ㎶ Supply Voltage Rejection SVR 60 75 ㏈ EN 100 ㎃ IO 1000 1250 1600 ㎃ ID 5 % VIN 12 V ΔVO 0.3 ㎷ ΔVO 0.5 % ΔVO 0.2 V ΔVO 0.1 0.2 ㎷ VO 1.764 PARAMETER SYMBOL TEST CONDITION MIN. ㎃ EN 100 ㎶ IO 1000 1250 1600 1.836 1.8 1.818 0.4 10 0.003 %/W VO 1.782 TYP. MAX. UNIT V PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT V VO 1.470 1.530 V VO 1.485 1.5 1.515 % ΔVO 0.2 0.4 % ΔVO 0.1 0.2 % ΔVO 0.3 % ΔVO 0.5 V ID 510 ㎃ VIN 12 Supply Voltage Rejection SVR 60 75 ㏈ Dropout Voltage VD 1.0 1.1 V 1.1 1.2 V 1.2 1.3 V |
Similar Part No. - LM1117S-ADJ |
|
Similar Description - LM1117S-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |