Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7235M5 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7235M5
Description  45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7235M5 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV7235M5 Datasheet HTML 1Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 2Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 3Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 4Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV7235M5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMV7235/LMV7239
45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input
Comparator with Open-Drain/Push-Pull Output
General Description
The LMV7235/LMV7239 are ultra low power, low voltage, 45
nsec comparators. They are guaranteed to operate over the
full supply voltage range of 2.7V to 5V. These devices
achieve a 45 nsec propagation delay while consuming only
65µA of supply current at 5V.
The LMV7235/LMV7239 have a greater than rail-to-rail com-
mon mode voltage range. The input common mode voltage
range extends 200mV below ground and 200mV above
supply, allowing both ground and supply sensing.
The LMV7235 features an open drain output. By connecting
an external resistor, the output of the comparator can be
used as a level shifter.
The LMV7239 features a push-pull output stage. This feature
allows operation without the need of an external pull-up
resistor.
The LMV7235/LMV7239 are available in the 5-Pin SC70 and
5-Pin SOT23 packages, which are ideal for systems where
small size and low power is critical.
Features
(V
S =5V, TA = 25˚C, Typical values unless otherwise speci-
fied)
n
Propagation delay
45 nsec
n
Low supply current
65µA
n
Rail-to-Rail input
n
Open drain and push-pull output
n
Ideal for 2.7V and 5V single supply applications
n
Available in space saving packages
— 5-pin SOT23
— 5-pin SC70
Applications
n
Portable and battery powered systems
n
Scanners
n
Set top boxes
n
High speed differential line receiver
n
Window comparators
n
Zero-crossing detectors
n
High speed sampling circuits
Typical Application
10135902
Crystal Oscillator
August 2006
© 2006 National Semiconductor Corporation
DS101359
www.national.com


Similar Part No. - LMV7235M5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235M5 NSC-LMV7235M5 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 NSC-LMV7235M5 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235M5 TI-LMV7235M5 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 TI1-LMV7235M5 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 TI1-LMV7235M5 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
More results

Similar Description - LMV7235M5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235 NSC-LMV7235_08 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7239M5 TI1-LMV7239M5 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 TI-LMV7235M5 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239M5-NOPB TI1-LMV7239M5-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 TI1-LMV7235_16 Datasheet
1Mb / 30P
[Old version datasheet]   75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain and Push-Pull Output
TLV1805 TI1-TLV1805 Datasheet
825Kb / 34P
[Old version datasheet]   40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com