Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-ANT-G02E Datasheet(PDF) 4 Page - Texas Instruments

Part # RI-ANT-G02E
Description  SERIES 2000 ANTENNAS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-ANT-G02E Datasheet(HTML) 4 Page - Texas Instruments

  RI-ANT-G02E Datasheet HTML 1Page - Texas Instruments RI-ANT-G02E Datasheet HTML 2Page - Texas Instruments RI-ANT-G02E Datasheet HTML 3Page - Texas Instruments RI-ANT-G02E Datasheet HTML 4Page - Texas Instruments RI-ANT-G02E Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
RI-ANT-G01E
ACTIVE
1
1
TBD
Call TI
Call TI
RI-ANT-G02E
ACTIVE
1
1
TBD
Call TI
Call TI
RI-ANT-G04E
ACTIVE
1
1
TBD
Call TI
Call TI
RI-ANT-S01C-00
ACTIVE
1
1
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
31-Jan-2007
Addendum-Page 1


Similar Part No. - RI-ANT-G02E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-G02E TI1-RI-ANT-G02E Datasheet
267Kb / 7P
[Old version datasheet]   SERIES 2000 ANTENNAS
RI-ANT-G02E-30 TI1-RI-ANT-G02E-30 Datasheet
267Kb / 7P
[Old version datasheet]   SERIES 2000 ANTENNAS
More results

Similar Description - RI-ANT-G02E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-G01E TI1-RI-ANT-G01E_16 Datasheet
267Kb / 7P
[Old version datasheet]   SERIES 2000 ANTENNAS
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
   Amplified antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
   HORN ANTENNAS
logo
Pulse A Technitrol Comp...
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
   LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
   GNSS Antennas
2020.02
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
   IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
   ISM Antennas
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com