Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPM2750QFN Datasheet(PDF) 7 Page - Filtronic Compound Semiconductors

Part # FPM2750QFN
Description  LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPM2750QFN Datasheet(HTML) 7 Page - Filtronic Compound Semiconductors

  FPM2750QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 7Page - Filtronic Compound Semiconductors FPM2750QFN Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
7
Datasheet v2.5
FPM2750QFN
TYPICAL SMALL SIGNAL MAGNITUDE DIFFERENCE WITHIN A SINGLE PACKAGE:
400
300
200
100
0
0.5
0.4
0.3
0.2
0.1
0.0
|S11_ChA(mag) - S11_ChB(mag)|
500
400
300
200
100
0
0.5
0.4
0.3
0.2
0.1
0.0
|S22_ChA(mag) - S22_ChB(mag)|
300
200
100
0
-4
-2
0
2
4
S21_ChA(dB) - S21_ChB(dB)
400
300
200
100
0
-4
-2
0
2
4
S12_ChA(dB) - S12_ChB(dB)
The histograms above represent the distribution of the asymmetry of RF parameters for the devices
within a package. ChA and ChB are the two devices within the same package. The sample size for the
histograms above is 1000 parts.
PARAMETER
MEDIAN
STANDARD DEVIATION
TEST LIMIT
CPK
|S11ChA(mag) - S11ChB(mag)|
0.0001
0.027
0.1
1.3
|S22ChA(mag) – S22ChB(mag)|
0.0001
0.019
0.1
1.7
S21ChA(dB) – S21ChB(dB)
0.006
0.408
±0.75
0.68
S12ChA(dB) – S12ChB(dB)
-0.128
0.205
±0.75
1.43


Similar Part No. - FPM2750QFN

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPM SHIELD-FPM Datasheet
277Kb / 2P
   MAGNETIC SWITCHES
logo
Fujikura Ltd.
FPM-02PG FUJIKURA-FPM-02PG Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
FPM-02PGR FUJIKURA-FPM-02PGR Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
FPM-05PG FUJIKURA-FPM-05PG Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
FPM-05PGR FUJIKURA-FPM-05PGR Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
More results

Similar Description - FPM2750QFN

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1222 BOARDCOM-ALM-1222 Datasheet
673Kb / 9P
   1.8-2.2GHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
ALM-11236 AVAGO-ALM-11236_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
logo
Broadcom Corporation.
ALM-1522 BOARDCOM-ALM-1522 Datasheet
1Mb / 12P
   700 ??1100 MHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
logo
Filtronic Compound Semi...
FMA3019QFN FILTRONIC-FMA3019QFN Datasheet
127Kb / 4P
   HIGH LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com