Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4824 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML4824
Description  Power Factor Correction and PWM Controller Combo
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4824 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML4824_03 Datasheet HTML 1Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 2Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 3Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 4Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 5Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 6Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 7Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 8Page - Fairchild Semiconductor ML4824_03 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PRODUCT SPECIFICATION
ML4824
REV. 1.0.6 11/7/03
3
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum
ratings are stress ratings only and functional device operation is not implied.
Operating Conditions
Temperature Range
Parameter
Min.
Max.
Units
VCC Shunt Regulator Current
55
mA
ISENSE Voltage
–35
V
Voltage on Any Other Pin
GND – 0.3
VCCZ + 0.3
V
IREF
20
mA
IAC Input Current
10
mA
Peak PFC OUT Current, Source or Sink
500
mA
Peak PWM OUT Current, Source or Sink
500
mA
PFC OUT, PWM OUT Energy Per Cycle
1.5
µJ
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance (
θJA)
Plastic DIP
Plastic SOIC
80
105
°C/W
°C/W
Parameter
Min.
Max.
Units
ML4824CX
0
70
°C
ML4824IX
–40
85
°C
Electrical Characteristics
Unless otherwise specified, ICC = 25mA, RT = 52.3k
Ω, CT = 470pF, TA = Operating Temperature Range (Note 1)
Symbol
Parameter
Conditions
Min.
Typ. Max. Units
Voltage Error Amplifier
Input Voltage Range
0
7
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
50
85
120
µ
Feedback Reference Voltage
2.46
2.53
2.60
V
Input Bias Current
Note 2
-0.3
–1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.6
1.0
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–40
–80
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
80
µA
Open Loop Gain
60
75
dB
Power Supply Rejection Ratio
VCCZ - 3V < VCC < VCCZ - 0.5V
60
75
dB
Current Error Amplifier
Input Voltage Range
–1.5
2
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
130
195
310
µ
Input Offset Voltage
0
8
15
mV


Similar Part No. - ML4824_03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4824CP-1 FAIRCHILD-ML4824CP-1 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824CP-1 MICRO-LINEAR-ML4824CP-1 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824CP-2 FAIRCHILD-ML4824CP-2 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824CP-2 MICRO-LINEAR-ML4824CP-2 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824CP1 FAIRCHILD-ML4824CP1 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
More results

Similar Description - ML4824_03

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com