Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH173 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH173
Description  INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH173 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH173 Datasheet HTML 1Page - Diodes Incorporated AH173 Datasheet HTML 2Page - Diodes Incorporated AH173 Datasheet HTML 3Page - Diodes Incorporated AH173 Datasheet HTML 4Page - Diodes Incorporated AH173 Datasheet HTML 5Page - Diodes Incorporated AH173 Datasheet HTML 6Page - Diodes Incorporated AH173 Datasheet HTML 7Page - Diodes Incorporated AH173 Datasheet HTML 8Page - Diodes Incorporated AH173 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH173
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
TEMPERATURE
AH173 Rev. 4
1 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
Bipolar Hall Effect Latch Sensor
3V to 20V DC Operation Voltage
Built-in Pull-Up Resistor
25mA Output Sink Current
Operating Temperature:
C
125
~
C
40
°
+
°
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
Lead Free Package: SIP-3L, SC59-3L
Green Package: SC59-3L
AH173 is a single-digital-output Hall-effect sensor with pull-up
resistor for high temperature operation. The device includes an
on-chip Hall voltage generator for magnetic sensing, an amplifier
to amplify Hall voltage, and a comparator to provide switching
hysteresis for noise rejection, and an output driver with a pull-up
resistor (Rpu). An internal band-gap regulator is used to provide
temperature compensated supply voltage for internal circuits and
allows a wide operating supply range. While the magnetic flux
density (B) is larger than operate point (Bop), the OUT pin turns
on (low). If B moves toward release point (Brp), the OUT pin is
latched “on” state prior to B < Brp. When B < Brp, the OUT pin
goes into “off ” state.
Rotor Position Sensing
Current Switch
Encoder
RPM Detection
AH 173
X X X -X
Packing
- 7 :
-B :
- A :
Taping
Bulk (Note 4)
Ammo Box (Note 5)
P: SIP-3L
W: SC59-3L
Package
Lead-Free
L : Lead Free
Magnetic
Characteristics
A or B
-
G : Green (Note3)
Note:
1.
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3.
Green is only available for SC59-3L
4.
Bulk is for SIP-3 Straight Lead.
5.
Ammo Box is for SIP-3 Spread Lead.
Features
General Description
Applications
Ordering Information
Tube/Bulk
7” Tape and Reel
Ammo Box
Device
Package
Code
Packaging
(Note 2)
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH173-P
P
SIP3-3L
1000
-B
NA
NA
4000/Box
-A
AH173-W
W
SC59-3L
NA
NA
3000/Tape & Reel
-7
NA
NA


Similar Part No. - AH173

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173-PG-A-A DIODES-AH173-PG-A-A Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
AH173-PG-A-B DIODES-AH173-PG-A-B Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
AH173-PG-B-A DIODES-AH173-PG-B-A Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
AH173-PG-B-B DIODES-AH173-PG-B-B Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
More results

Similar Description - AH173

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com