Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH175-WG-A-A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH175-WG-A-A
Description  HALL EFFECT LATCH FOR HIGH TEMPERATURE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH175-WG-A-A Datasheet(HTML) 5 Page - Diodes Incorporated

  AH175-WG-A-A Datasheet HTML 1Page - Diodes Incorporated AH175-WG-A-A Datasheet HTML 2Page - Diodes Incorporated AH175-WG-A-A Datasheet HTML 3Page - Diodes Incorporated AH175-WG-A-A Datasheet HTML 4Page - Diodes Incorporated AH175-WG-A-A Datasheet HTML 5Page - Diodes Incorporated AH175-WG-A-A Datasheet HTML 6Page - Diodes Incorporated AH175-WG-A-A Datasheet HTML 7Page - Diodes Incorporated AH175-WG-A-A Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AH175
HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
5 of 8
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Performance Characteristics (SC59-3L)
TA (°C)
25
50
60
70
80
90
100
110
120
125
130
140
150
PD (mW)
230
184
166
147
129
110
92
74
55
46
37
18
0
P o w e r D is s ipa tion C u rv e
0
10 0
20 0
30 0
0
2 5
5 0
7 5
100
125
1 5 0
T A (
o C)
P D (m W )
Marking Information
(1) SC59-3L
1
2
3
XX Y M X
(Top View)
XX : J5: AH175
Y
: Year 0~9
M : Month A~L
X : Internal code a~z: Lead Free
A~Z: Green
Part Number Package
Identification
Code
ATS137
SC59-3L
JA
(2) SIP3-3L
Y WW X
(Top View)
Y : Year: “1”=2001
“2”=2002
WW: Nth Week 01~52
X : Internal code
a~z: Lead Free
175


Similar Part No. - AH175-WG-A-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH175-WG-A DIODES-AH175-WG-A Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
More results

Similar Description - AH175-WG-A-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Anachip Corp
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
   Inverted Output Hall Effect Latch For High Temperature
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com