Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH288-YL-B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH288-YL-B
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH288-YL-B Datasheet(HTML) 4 Page - Diodes Incorporated

  AH288-YL-B Datasheet HTML 1Page - Diodes Incorporated AH288-YL-B Datasheet HTML 2Page - Diodes Incorporated AH288-YL-B Datasheet HTML 3Page - Diodes Incorporated AH288-YL-B Datasheet HTML 4Page - Diodes Incorporated AH288-YL-B Datasheet HTML 5Page - Diodes Incorporated AH288-YL-B Datasheet HTML 6Page - Diodes Incorporated AH288-YL-B Datasheet HTML 7Page - Diodes Incorporated AH288-YL-B Datasheet HTML 8Page - Diodes Incorporated AH288-YL-B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AH288
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH288 Rev. 4
4 of 10
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( TA = 25 °C, Vdd = 24V, unless otherwise specified )
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vdd
Operating
3.8
-
28*
V
Supply current
Icc
Operating
-
2
4
mA
Output Leakage Current
Ioff
VOUT = 24V
-
< 0.1
10
µA
Locked Protection On
Tlrp-on
0.4
0.46
0.6
Sec
Locked Protection Off
Tlrp-off
2.4
2.76
3.6
Sec
IO = 200mA
-
450
700
Output saturation voltage
)
sat
(
OUT
V
IO = 300mA
-
680
800
mV
Output On resistance
Rds(on)
IO = 200mA
-
2.25
3.5
ohm
FG output Vds
Vol
IO = 10mA
-
0.3
0.5
V
Output Zener-breakdown Voltage
Vz
42
55
65
V
*Note:
Please watch out the current limit issue when the operation voltage is over 26.4V, because of the different efficiency in the coil.
Truth Table
IN-
IN+
CT
OUT1
OUT2
FG
Mode
H
L
L
H
L
H
Rotating
L
H
L
L
H
L
Rotating
-
-
H
off
off
-
Lockup protection activated
Magnetic Characteristics ( TA = 25 °C, V
CC = 24V, unless otherwise specified )
( 1Mt = 10 Gauss )
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
10
30
60
Gauss
Release Point
Brp
-60
-30
-10
Gauss
Hysteresis
Bhy
-
60
-
Gauss


Similar Part No. - AH288-YL-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH288-YL-13 DIODES-AH288-YL-13 Datasheet
130Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
More results

Similar Description - AH288-YL-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
logo
Anachip Corp
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com