Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP78L05 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP78L05
Description  5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L05 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP78L05 Datasheet HTML 1Page - Diodes Incorporated AP78L05 Datasheet HTML 2Page - Diodes Incorporated AP78L05 Datasheet HTML 3Page - Diodes Incorporated AP78L05 Datasheet HTML 4Page - Diodes Incorporated AP78L05 Datasheet HTML 5Page - Diodes Incorporated AP78L05 Datasheet HTML 6Page - Diodes Incorporated AP78L05 Datasheet HTML 7Page - Diodes Incorporated AP78L05 Datasheet HTML 8Page - Diodes Incorporated AP78L05 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP78L05
5.0V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
4 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (All Output Voltage Versions)
Limits in standard typeface are for TA=25
℃, Bold typeface applies over -20℃to 125℃ for TO92-3L and SOP-8L Packages.
Unless otherwise specified: VIN=10V, IO=40mA, CI=0.33µF, CO=0.1µF.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
4.8
5
5.2
7V
≤VIN≤20V
1mA
≤IO≤40mA
4.75
5.25
VO
Output Voltage
1mA
≤IO≤70mA
4.75
5.25
V
7V
≤VIN≤20V
18
75
∆VO
Line Regulation
8V
≤VIN≤20V
10
54
mV
1mA
≤IO≤100mA
20
60
∆VO
Load Regulation
1mA
≤IO≤40mA
5
30
mV
IQ
Quiescent Current
3
5
8V
≤VIN≤20V
1.0
∆IQ
Quiescent Current Change
1mA
≤IO≤40mA
0.1
mA
Vn
Output Noise Voltage
f=10Hz to 100kHz
(Note 5)
-
40
µV
∆VIN/∆VOUT Ripple Rejection
f=120Hz
8V
≤VIN≤16V
47
62
dB
IPK
Peak Output Current
140
mA
∆VO/∆T
Average Output Voltage
Tempco
IO=5mA
-0.65
mV/
oC
VIN(Min)
Minimum Value of Input
Voltage Required to
Maintain Line Regulation
6.7
7
V
TO92-3L (Note 6)
176
θJA
Thermal Resistance
Junction to Ambient
SOP-8L (Note 7)
153
TO92-3L (Note 6)
33
θJC
Thermal Resistance
Junction to Case
SOP-8L (Note 7)
18
oC/W
Note:
5. Recommend 0.01
µF minimum load capacitance at output to suppress high frequency noise.
6. Test conditions for TO92-3L: No heat sink, no air flow.
7. Test conditions for SOP-8L: Device mounted on 2oz copper, minimum recommended pad layout, FR-4 PCB.


Similar Part No. - AP78L05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05 DIODES-AP78L05_09 Datasheet
284Kb / 15P
   AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
More results

Similar Description - AP78L05

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
   5V 3-Terminal Positive Voltage Regulator
VER1.2
logo
Fairchild Semiconductor
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
NTE Electronics
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
TS317 TSC-TS317 Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
List of Unclassifed Man...
PJ317 ETC1-PJ317 Datasheet
355Kb / 11P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
NTE Electronics
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com