Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH173-PG-7-B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH173-PG-7-B
Description  INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH173-PG-7-B Datasheet(HTML) 3 Page - Diodes Incorporated

  AH173-PG-7-B Datasheet HTML 1Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 2Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 3Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 4Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 5Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 6Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 7Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 8Page - Diodes Incorporated AH173-PG-7-B Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH173
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
TEMPERATURE
AH173 Rev. 4
3 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
M
Driver
&
Control Logic
Ia
Ib
Ic
IA
IC
IB
HB
HA
HC
M: Three Phase Hall Motor
Digital Hall Effect Sensor
Hall Motor Driver
RPM sensing
3 Phase Hall Motor
Characteristics
Symbol
Values
Unit
Supply Voltage
VCC
20
V
Output “Off” Voltage
Vout (off)
20
V
Output “On” Current
Io (sink)
25
mA
Operating Temperature Range
Top
-40~+125
°C
Storage Temperature Range
Tstg
-65~+150
°C
Maximum Junction Temperature
Tj
+150
°C
SIP-3L
550
mW
Power Dissipation
SC59-3L
PD
230
mW
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3
-
20
V
Output Saturation Voltage
Vout (sat)
VCC = 12V, OUT ”ON”
Io = 10mA
-
300
400
mV
Supply Current
Icc
VCC = 12V, OUT ”OFF”
-
3.5
6
mA
Internal Pull-up Resistor
Rpu
7
10
13
K
Dropout Voltage
Vd
Vd = Vcc - Vce
-
-
0.3
V
Functional Application Circuit
Absolute Maximum Ratings
(TA = 25°C)
Electrical Characteristics
(TA = 25°C)


Similar Part No. - AH173-PG-7-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH173-PG-A-A DIODES-AH173-PG-A-A Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
AH173-PG-A-B DIODES-AH173-PG-A-B Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
AH173-PG-B-A DIODES-AH173-PG-B-A Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
AH173-PG-B-B DIODES-AH173-PG-B-B Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
More results

Similar Description - AH173-PG-7-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com