Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP139-28WL-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP139-28WL-7
Description  300mA LOW-NOISE CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP139-28WL-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP139-28WL-7 Datasheet HTML 1Page - Diodes Incorporated AP139-28WL-7 Datasheet HTML 2Page - Diodes Incorporated AP139-28WL-7 Datasheet HTML 3Page - Diodes Incorporated AP139-28WL-7 Datasheet HTML 4Page - Diodes Incorporated AP139-28WL-7 Datasheet HTML 5Page - Diodes Incorporated AP139-28WL-7 Datasheet HTML 6Page - Diodes Incorporated AP139-28WL-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP139
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
6 of 7
MARCH 2007
www.diodes.com
© Diodes Incorporated
Marking Information
1
2
3
5
4
XX Y M
Y
: Year: 0-9
M
: Month A~L
XX
: Identification Code
(Top View)
SOT 25
X
X
: L : Lead Free
G : Green
Identification
Code
Output Version
N0
AP139-1.5V
N1
AP139-1.8V
N2
AP139-2.0V
N3
AP139-2.5V
N4
AP139-2.8V
N5
AP139-3.0V
N6
AP139-3.3V
N7
AP139-3.5V
Package Information
( unit: mm )
Package Type: SOT25


Similar Part No. - AP139-28WL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP139-28W ANACHIP-AP139-28W Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
AP139-28WA ANACHIP-AP139-28WA Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
More results

Similar Description - AP139-28WL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com