Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8413201RA Datasheet(PDF) 2 Page - Intersil Corporation

Part # 8413201RA
Description  16K x 1 Asynchronous CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

8413201RA Datasheet(HTML) 2 Page - Intersil Corporation

  8413201RA Datasheet HTML 1Page - Intersil Corporation 8413201RA Datasheet HTML 2Page - Intersil Corporation 8413201RA Datasheet HTML 3Page - Intersil Corporation 8413201RA Datasheet HTML 4Page - Intersil Corporation 8413201RA Datasheet HTML 5Page - Intersil Corporation 8413201RA Datasheet HTML 6Page - Intersil Corporation 8413201RA Datasheet HTML 7Page - Intersil Corporation 8413201RA Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Functional Diagram
ROW
ADDRESS
BUFFER
128
7
7
A0
A1
A2
A3
A12
A13
128
128 X 128
MEMORY ARRAY
A
7
A
7
A
A
ROW
DECODER
(1 OF 128)
A4
COLUMN DECODER
(1 OF 128)
AND I / O CIRCUITRY
Q
W
E
D
COLUMN
ADDRESS BUFFERS
HM-65262


Similar Part No. - 8413201RA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
8413201RA INTERSIL-8413201RA Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
More results

Similar Description - 8413201RA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
   16K x 1 Asynchronous CMOS Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
   16K CMOS STATIC RAM
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com