Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-I11-114B-S1 Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-I11-114B-S1
Description  Tag-it??HF-I PRO TRANSPONDER INLAYS SQUARE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-I11-114B-S1 Datasheet(HTML) 1 Page - Texas Instruments

  RI-I11-114B-S1 Datasheet HTML 1Page - Texas Instruments RI-I11-114B-S1 Datasheet HTML 2Page - Texas Instruments RI-I11-114B-S1 Datasheet HTML 3Page - Texas Instruments RI-I11-114B-S1 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RI-I11-114A-S1,, RI-I11-114B-S1
SCBS822 – NOVEMBER 2006
Tag-it™ HF-I PRO TRANSPONDER INLAYS
SQUARE
• Product Authentication
• ISO/IEC 15693-2, -3; ISO/IEC 18000-3
Compliant
• Ticketing
• Stored Value
• 13.56-MHz Operating Frequency
• 256-Bit User Memory in 8-Bit × 32-Bit Blocks
• User and Factory Lock Per Block
• Application Family Identifier (AFI)
• Fast Simultaneous Identification
(Anti-Collision)
• Password Protected Write Command
• Command to Disable IC Functionality
Texas Instruments Tag-it™ HF-I Pro transponder inlays consist of 13.56-MHz high-frequency (HF) transponders
that are compliant with the ISO/IEC 15693 and ISO/IEC 18000-3 global open standards. These products offer a
user-accessible memory of 256 bits, organized in eight blocks, and an extended command set including
password protect write available in five different antenna shapes, with frequency offset for integration into paper,
PVC, or other substrates.
The Tag-it HF-I Pro transponder inlays are manufactured with TI’s patented laser tuning process to provide
consistent read performance. Prior to delivery, the transponders undergo complete functional and parametric
testing, in order to provide the high quality that customers have come to expect from TI.
The Tag-it HF-I Pro transponder inlays are well suited for a variety of applications including, but not limited to,
product authentication, library, supply-chain management, asset management, and ticketing/stored value
applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Tag-it is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-I11-114B-S1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I11-114B-S1 TI-RI-I11-114B-S1 Datasheet
169Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS SQUARE
More results

Similar Description - RI-I11-114B-S1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I11-114A-S1 TI-RI-I11-114A-S1_11 Datasheet
169Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS SQUARE
RI-I11-112A-03 TI-RI-I11-112A-03 Datasheet
56Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS SQUARE
RI-I11-114A-01 TI-RI-I11-114A-01_11 Datasheet
166Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS SQUARE
RI-I11-114A-01 TI-RI-I11-114A-01 Datasheet
50Kb / 4P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS SQUARE
RI-I11-112A-03 TI-RI-I11-112A-03_12 Datasheet
119Kb / 5P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS SQUARE
RI-I03-114A-S1 TI-RI-I03-114A-S1 Datasheet
72Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I02-114A-S1 TI-RI-I02-114A-S1 Datasheet
53Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS LARGE RECTANGLE
RI-I17-114A-S1 TI-RI-I17-114A-S1 Datasheet
72Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO STANDARD TRANSPONDER INLAYS CD
RI-I17-114A-S1 TI-RI-I17-114A-S1_11 Datasheet
154Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO STANDARD TRANSPONDER INLAYS CD
RI-I02-114A-S1 TI-RI-I02-114A-S1_11 Datasheet
183Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS LARGE RECTANGLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com