Electronic Components Datasheet Search |
|
AP131-28YG-7 Datasheet(PDF) 3 Page - Diodes Incorporated |
|
AP131-28YG-7 Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 7 page AP131 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN AP131 Rev. 1 3 of 7 NOVEMBER 2006 www.diodes.com © Diodes Incorporated Absolute Maximum Ratings Symbol Parameter Rating Unit VCC Input Voltage +6 V TOP Operating Junction Temperature Range -40 to +125 ºC TST Storage Temperature Range -65 to +150 ºC Power Dissipation, PD @ TA = 25ºC SOT89-5L 500 mW PD SOT25 250 mW Package Thermal Resistance SOT89-5L +100 ºC/W ΘJA SOT25 +250 ºC/W Electrical Characteristics TA = 25ºC, CIN = 1µF, COUT = 10µF, unless otherwise specified. Symbol Parameter Conditions Min. Typ. Max. Unit VDROP Dropout Voltage (Note 4) IL = 300mA - 400 500 mV ILIMIT Current Limit (Note 5) VIN = 5V, VOUT = 0V 350 450 - mA Ishort Short Circuit Current VOUT < 1.05V - 150 300 mA ∆VLINE Line Regulation IOUT=1mA, VIN =( VOUT +1V ) to 5.5V - 0.1 0.3 %/V ∆VLOAD Load Regulation (Note 6) IL = 1~300mA, VIN = 5V - 30 35 mV Output Voltage Accuracy IL = 1mA, VIN = 5V -2 - +2 % ∆VOUT Output Voltage Temperature Coefficient (Note7) - 50 150 PPM/ ºC PSRR Ripple Rejection F = 100Hz, CIN = 1µF, CO = 10uF, IL = 100mA - 60 - dB ISB Standby Current IL = 0mA, VIN = 5V, EN = 0V - - 5 µA IQ Quiescent Current IL = 0mA, VIN = 5V, EN = 5V - 50 100 µA IEN Enable Pin Current - - < 0.1 µA VENON Output ON 1.5 - VIN V VENOFF Enable Pin Voltage Output OFF 0 - 0.8 V TDELAY Enable Delay Time CBP = 0.1µF, COUT = 1µF, IOUT = 30mA - 8 - µS Note: 4. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by using pulsed ON time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V. 5. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time. 6. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time. 7. Guaranteed by design. |
Similar Part No. - AP131-28YG-7 |
|
Similar Description - AP131-28YG-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |