Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA36A Datasheet(PDF) 2 Page - Protek Devices

Part # 30KPA36A
Description  POWER TVS COMPONENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

30KPA36A Datasheet(HTML) 2 Page - Protek Devices

  30KPA36A Datasheet HTML 1Page - Protek Devices 30KPA36A Datasheet HTML 2Page - Protek Devices 30KPA36A Datasheet HTML 3Page - Protek Devices 30KPA36A Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30KPA30A
thru
30KPA280A
2
05113.R12 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
Forward Surge Rating (1/20 seconds) - See Note 2
SYMBOL
VALUE
1.0
Watts
Amps
200
UNITS
I
F
P
P
PARAMETER
Steady State Power Disspiation
Peak Pulse Power (tp = 10/1000µs) - See Fig. 1
PPP
30,000
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 & 2)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ 10/1000µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
30KPA30A
30KPA36A
30KPA43A
30KPA48A
30KPA58A
30KPA64A
30KPA70A
30KPA75A
30KPA90A
30KPA160A
30KPA180A
30KPA220A
30KPA260A
30KPA280A
30.0
36.0
43.0
48.0
58.0
64.0
70.0
75.0
90.0
160.0
180.0
220.0
260.0
280.0
33.3
40.0
47.8
53.3
64.4
71.1
77.8
83.3
100.0
178.0
200.0
245.0
289.0
311.0
55.2V @ 543.0A
61.8V @ 485.0A
73.0V @ 410.0A
77.4V @ 388.0A
92.4V @ 325.0A
104.0V @ 294.0A
109.0V @ 274.0A
119.4V @ 251.0A
147.0V @ 206.0A
252.6V @ 119.0A
291.0V @ 104.0A
356.0V @ 84.0A
416.0V @ 72.0A
464.0V @ 65.0A
5000
2000
1000
250
20
10
10
10
10
10
10
10
10
10
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
34
41
50
56
68
76
83
89
109
195
230
269
317
342
Note 1: Part numbers shown are unidirectional devices. Add a “CA” suffix to specify bidirectional devices, such as 30KPA30CA.
Devices shown
are preferred voltages. Contact factory for additional voltages.
Note 2: V
F = 15 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional devices only.
MIN
V(BR)
VOLTS
@I
T
mA
50
50
50
5
5
5
5
5
5
5
5
5
5
5


Similar Part No. - 30KPA36A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA36A PROTEC-30KPA36A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA36A RUILON-30KPA36A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
30KPA36A HUAXINAN-30KPA36A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Littelfuse
30KPA36A LITTELFUSE-30KPA36A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
Socay Electornics Co., ...
30KPA36A SOCAY-30KPA36A Datasheet
451Kb / 5P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 30KPA36A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com