Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA43A Datasheet(PDF) 1 Page - Protek Devices

Part # 30KPA43A
Description  POWER TVS COMPONENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

30KPA43A Datasheet(HTML) 1 Page - Protek Devices

  30KPA43A Datasheet HTML 1Page - Protek Devices 30KPA43A Datasheet HTML 2Page - Protek Devices 30KPA43A Datasheet HTML 3Page - Protek Devices 30KPA43A Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER TVS COMPONENT
1
05113.R12 2/07
www.protekdevices.com
30KPA30A
thru
30KPA280A
APPLICATIONS
✔ Relay Drives
✔ Motor (Start/Stop) Back EMF Protection
✔ Module Lightning Protection
✔ Secondary Lightning Protection for AC/DC
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-5 (Surge): 48A, 8/20µs - L3 (Line-Gnd), L4 (Line-Line) & L1 (Power)
FEATURES
✔ 30,000 Watts Peak Pulse Power per Line (tp=10/1000µs)
✔ Unidirectional & Bidirectional Configurations
✔ Easy Mounting to Printed Circuit Board
✔ Available in Multiple Voltage Types Ranging From: 30V to 280V
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded Case
✔ Weight 5 grams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ Marking: Logo, Part Number & Date Code
✔ Positive Terminal Marked with Band - Unidirectional Only
APPLICATION
TYPICAL RELAY DRIVE PROTECTION
VCC
AXIAL LEAD


Similar Part No. - 30KPA43A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA43A PROTEC-30KPA43A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
30KPA43A SOCAY-30KPA43A Datasheet
451Kb / 5P
   Axial Lead Transient Voltage Suppressors
30KPA43A SOCAY-30KPA43A Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
Littelfuse
30KPA43A LITTELFUSE-30KPA43A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
Socay Electornics Co., ...
30KPA43A SOCAY-30KPA43A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - 30KPA43A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com