Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-I16-114A-01 Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-I16-114A-01
Description  Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-I16-114A-01 Datasheet(HTML) 2 Page - Texas Instruments

  RI-I16-114A-01 Datasheet HTML 1Page - Texas Instruments RI-I16-114A-01 Datasheet HTML 2Page - Texas Instruments RI-I16-114A-01 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
User data
(256 bits)
UID Number
(64 bits)
X
AFI
0x06
0x08
0x09
0x0A
Block
Addr
U = User Lock
0x00
0x01
0x02
32 bits
F U
F
= Factory Lock,
Lock Bits
0x03
0x04
0x05
0x07
RI-I16-114A-01
SCBS818 – DECEMBER 2005
SPECIFICATIONS (continued)
PART NUMBER
RI-I16-114A-01
Single-row tape wound on cardboard reel with 500-mm diameter
Reel outer width: approximately 60 mm (~2.36 in)
Delivery
Reel inner width: approximately 50 mm (~1.97 in)
Hub diameter: 76.2 mm (3 in)
Typical quantity of good units per reel
5,000
The Tag-it HF-I standard transponder inlays are manufactured with TI’s patented laser tuning process to provide
consistent read performance. Prior to delivery, the transponders undergo complete functional and parametric
testing, in order to provide the high quality that customers have come to expect from TI.
The Tag-it HF-I standard transponder inlays are well suited for a variety of applications including, but not limited
to, product authentication, library, supply-chain management, asset management, and ticketing/stored value
applications.
SUPPORTED COMMAND SET
REQUEST MODE(1)
REQUEST
REQUEST CODE
INVENTORY
ADDRESSED
NON-ADDRESSED
AFI
OPT. FLAG
ISO 15693 Mandatory and Optional Commands
Inventory
0x01
ü
ü
0/–
Stay Quiet
0x02
ü
0/–
Read_Single_Block
0x20
ü
ü
–/1
Write_Single_Block
0x21
ü
ü
–/1
Lock_Block
0x22
ü
ü
–/1
(1)
ü = Implemented, – = Not applicable
MEMORY ORGANIZATION
2
Submit Documentation Feedback


Similar Part No. - RI-I16-114A-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I16-114A-01 TI-RI-I16-114A-01 Datasheet
149Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-01 TI-RI-I16-114A-01_11 Datasheet
149Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
More results

Similar Description - RI-I16-114A-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I16-114A-01 TI-RI-I16-114A-01_11 Datasheet
149Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-S1 TI-RI-I16-114A-S1 Datasheet
72Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-112A-03 TI-RI-I16-112A-03_10 Datasheet
103Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-112A-03 TI-RI-I16-112A-03 Datasheet
79Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-S1 TI-RI-I16-114A-S1_11 Datasheet
152Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I11-114A-01 TI-RI-I11-114A-01_11 Datasheet
166Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS SQUARE
RI-I17-114A-01 TI-RI-I17-114A-01 Datasheet
64Kb / 3P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS CD
RI-I11-114A-01 TI-RI-I11-114A-01 Datasheet
50Kb / 4P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS SQUARE
RI-I17-114A-01 TI-RI-I17-114A-01_11 Datasheet
151Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS CD
RI-I02-114A-01 TI-RI-I02-114A-01 Datasheet
45Kb / 3P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com