Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP131-30WG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP131-30WG-7
Description  300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP131-30WG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP131-30WG-7 Datasheet HTML 1Page - Diodes Incorporated AP131-30WG-7 Datasheet HTML 2Page - Diodes Incorporated AP131-30WG-7 Datasheet HTML 3Page - Diodes Incorporated AP131-30WG-7 Datasheet HTML 4Page - Diodes Incorporated AP131-30WG-7 Datasheet HTML 5Page - Diodes Incorporated AP131-30WG-7 Datasheet HTML 6Page - Diodes Incorporated AP131-30WG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP131
300mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP131 Rev. 1
2 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Battery Powered Device
Wireless Communication
CD-ROM, DVD, and LAN Card
PC Peripheral
Pin Assignment
SOT89-5L
(Top View)
3
2
1
5
4
IN
GND
EN
BP
OUT
(Top View)
SOT25
3
2
5
4
1
IN
GND
EN
BP
OUT
Block Diagram
Current
Limit
Thermal
Shutdown
- +
IN
OUT
GND
1.08V
Error
Amp
Bandgap
Enable
BP
EN
Applications
Pin Description
Name
Description
IN
Input Voltage
GND
Ground
EN
Enable Pin
BP
Band-gap
OUT
Output Voltage


Similar Part No. - AP131-30WG-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP131-30W ANACHIP-AP131-30W Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AP131-30WG-7

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com