Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-STU-655A Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-STU-655A
Description  HF Reader System Series 6000 S6550 Long Range Reader (Housed)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-STU-655A Datasheet(HTML) 1 Page - Texas Instruments

  RI-STU-655A Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides customer assistance in various
technical areas, but does not have full access to data concerning the uses and applications of customers products. Therefore, TI assumes no
responsibility for customer product design or for infringement of patents and/or the rights of third parties, which may result from assistance
provided by TI.
© Copyright 2001 Texas Instruments Incorporated.
11-06-22-100 07/01
Specifications:
Part number
RI-STU-655A
Operating Frequency
13.56MHz
± 7kHz
Supported Transponders
Tag-it HF, Tag-it HF-I, ISO 15693 compliant Transponders
Power Supply
100 - 120V / 60Hz or
220 - 240V / 50Hz switch selected
Power consumption
Max. 60W
Transmitter power
0.5W to 10W
± 1dB (adjustable by software in 0.25W steps)
above 4W output power an additional heat sink 0.8K/W is necessary
Transmitter modulation
AM (10% - 30%)
± 6% or 100% (adjustable by software)
Antenna connection
Basic antenna (TX/RX)
1 x SMA female
Complementary antenna (RX only)::
1 x SMA female
Antenna Impedance
50 Ohm at 13.56MHz
Receive channels
ASK 423.75kHz and FSK 423.75kHz / 484.29kHz for both antennas
(adjustable by software)
Communication Interfaces
RS232 or RS485 (set by jumper)
Address setting for interface
Optional: - 3-position DIP switch (up to 8 addresses)
- Software (up to 254 addresses)
Communication Parameters
Up to 115kBits, 8 data bits, even/odd/no parity
Communication Protocol
ISO Host Protocol
Memory
EEPROM 1kByte (for parameters; up to 10,000 write cycles)
RAM
256 kByte (for data)
Flash
512 kByte (for firmware; update via communication interface)
Outputs
2 opto-coupled:
24V DC / 30mA
1 relay:
24V DC / 60W
Inputs
2 opto-coupled:
max. 24V DC / 20mA
Synchronization
Protocol synchronization via I/O
Operating Temperature
-20
°C to +55°C
Storage Temperature
-25
°C to +85°C
Vibration
EN60068-2-6 (10Hz to 200Hz: 0.15mm/2g)
Casing
Powder-coated sheet steel, look-up hinged lid
Protection class
IP54
Dimensions (L x W x H)
300mm x 200mm x 160mm
Weight
5.5 kg
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com
Data Sheet
HF Reader System Series 6000
S6550 Long Range Reader (Housed)
R ADI O F R E Q U E NCY I DENT I F I CAT I O N S YSTE M S


Similar Part No. - RI-STU-655A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-STU-650A TI-RI-STU-650A Datasheet
184Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6500 Long Range Reader Module
More results

Similar Description - RI-STU-655A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-STU-650A TI-RI-STU-650A Datasheet
184Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6500 Long Range Reader Module
RI-STU-TRDC-02 TI-RI-STU-TRDC-02 Datasheet
50Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6350 Midrange Reader Module
RI-R6C-001A TI-RI-R6C-001A Datasheet
169Kb / 3P
[Old version datasheet]   HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
logo
NXP Semiconductors
HTRM800 PHILIPS-HTRM800 Datasheet
93Kb / 20P
   HITAG long range reader module hardware
2001 Oct 04
SLRM900 PHILIPS-SLRM900 Datasheet
84Kb / 16P
   I-CODE Long range reader module hardware
2002 May 24
logo
Texas Instruments
RI-CTL-MB2B-30 TI1-RI-CTL-MB2B-30 Datasheet
767Kb / 40P
[Old version datasheet]   Series 2000 Reader System
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
   NFC Initiator / HF Reader IC
2016-Jun-13
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
   NFC Initiator / HF Reader IC
logo
Texas Instruments
TRF79XXA TI1-TRF79XXA Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com