Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLZ-12 Datasheet(PDF) 1 Page - Protek Devices

Part # DLZ-12
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DLZ-12 Datasheet(HTML) 1 Page - Protek Devices

  DLZ-12 Datasheet HTML 1Page - Protek Devices DLZ-12 Datasheet HTML 2Page - Protek Devices DLZ-12 Datasheet HTML 3Page - Protek Devices DLZ-12 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STANDARD CAPACITANCE TVS ARRAY
1
05008.R7 2/07
www.protekdevices.com
DLZ-5
thru
DLZ-30CA
APPLICATIONS
✔ Military & Aerospace Data Line Protection
✔ RS-232 & RS-423 Data Lines
✔ Microprocessor Based Equipment
✔ Multiple Data & Power Bus Line Protection
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs Level 2 (Line-Ground) & Level 3 (Line-Line)
FEATURES
✔ MIL-STD-461 Compatible
✔ Protects I/O Devices
✔ Satisfies Military NEMP Requirements
✔ 1300 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional & Bidirectional Configurations
✔ ESD Protection > 40 kilovolts
✔ Internal Common Ground
✔ Available in Multiple Voltage Types: 5.0V to 30.0V
✔ Multiple TVS Array: Protects up to 15 Lines
MECHANICAL CHARACTERISTICS
✔ Ceramic 16 Pin Hermetically Sealed Package
✔ Weight 3.2 grams (Approximate)
✔ Flammability Rating UL 94V-0
✔ Marking: Logo, Part Number, Date Code & Pin One Defined By Flag on Lead
✔ Screening Available Upon Request - The DLZ series can be screened upon request for
military requirements in accordance with MIL-PRF-19500 (applicable test). Standard
screening is available based on the following options:
H1 - 100% screening per test plans 05227 & 05229
H2 - 100% screening per test plans 05228 & 05230
✔ Screening to DESC Drawing #94029 (Bidirectional) & #94030 (Unidirectional) is also
available
PIN CONFIGURATIONS
BIDIRECTIONAL
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15
UNIDIRECTIONAL
16 PIN CERAMIC


Similar Part No. - DLZ-12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DLZ-12 PROTEC-DLZ-12 Datasheet
97Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-12 PROTEC-DLZ-12 Datasheet
451Kb / 5P
   High powered multi-line tvs array
DLZ-12A PROTEC-DLZ-12A Datasheet
97Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-12A PROTEC-DLZ-12A Datasheet
451Kb / 5P
   High powered multi-line tvs array
More results

Similar Description - DLZ-12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com