Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF4-100FCD4 Datasheet(PDF) 4 Page - Protek Devices

Part # EMIF4-100FCD4
Description  EMI FILTER/TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF4-100FCD4 Datasheet(HTML) 4 Page - Protek Devices

  EMIF4-100FCD4_07 Datasheet HTML 1Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 2Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 3Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 4Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
05206.R3 2/07
www.protekdevices.com
EMIF4-100FCD4
SOLDER RECOMMENDATIONS
Ramp-up
Ramp-down
Ramp-up
15 seconds
Solder Time
15-20 seconds
Ramp-down
T
S - Preheat
T
SMAX
T
SMIN
T
L
t 25°C to Peak
30-60 seconds
T
P
155°
140°
0.275mm
Round
Non-Solder Mask Defined Pads
0.325mm Round
0.150mm
0.330mm Round
No Clean
OSP(Entek Cu Plus 106A)
±50µm
±20µm
60 Seconds
270°C
Pad Size on PCB
Pad Shape
Pad Definition
Solder Mask Opening
Solder Stencil Thickness
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
Solder Paste Type
Pad Protective Finish
Tolerance - Edge To Corner Ball
Solder Ball Side Coplanarity
Maximum Dwell Time Above Liquidous (183°C)
Soldering Maximum Temperature
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
REQUIREMENTS
Temperature:
T
P for Lead-Free (SnAgCu):
260-270°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux
activation temperature, component size, weight, surface area &
plating.
RECOMMENDED NON-SOLDER MASK
DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Mask Opening
0.325mm DIA.
Solder Stencil Opening
0.330mm DIA.


Similar Part No. - EMIF4-100FCD4_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EMIF4-100FCD4 PROTEC-EMIF4-100FCD4 Datasheet
121Kb / 5P
   EMI FILTER/TVS ARRAY
More results

Similar Description - EMIF4-100FCD4_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com