Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP150 Datasheet(PDF) 5 Page - Protek Devices

Part # 15KP150
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP150 Datasheet(HTML) 5 Page - Protek Devices

  15KP150 Datasheet HTML 1Page - Protek Devices 15KP150 Datasheet HTML 2Page - Protek Devices 15KP150 Datasheet HTML 3Page - Protek Devices 15KP150 Datasheet HTML 4Page - Protek Devices 15KP150 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
05023.R9 2/07
www.protekdevices.com
15KP17A
thru
15KP280A
THRU-HOLE PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
NOTES
1. Dimensions are exclusive of mold flash and metal burrs.
A
B
C
D
E
F
11.22
26.42
17.27
-
15.75
1.35
0.36
0.96
0.62
0.65
0.58
0.047
0.44
1.04
0.68
-
0.62
0.053
9.18
24.38
15.75
16.51
14.74
1.19
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
PACKAGE OUTLINE
THRU-HOLE
A
C
B
F
E
D
Outline & Dimensions: Rev 1 - 7/02, 06027


Similar Part No. - 15KP150

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP150 EIC-15KP150 Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP150 MICROSEMI-15KP150 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Protek Devices
15KP150 PROTEC-15KP150 Datasheet
88Kb / 5P
   POWER TVS COMPONENT
logo
Pan Jit International I...
15KP150 PANJIT-15KP150 Datasheet
58Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP150 ETC-15KP150 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KP150

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com