Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1115A18L-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1115A18L-13
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115A18L-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1115A18L-13 Datasheet HTML 1Page - Diodes Incorporated AP1115A18L-13 Datasheet HTML 2Page - Diodes Incorporated AP1115A18L-13 Datasheet HTML 3Page - Diodes Incorporated AP1115A18L-13 Datasheet HTML 4Page - Diodes Incorporated AP1115A18L-13 Datasheet HTML 5Page - Diodes Incorporated AP1115A18L-13 Datasheet HTML 6Page - Diodes Incorporated AP1115A18L-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP1115
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1115 Rev. 1
4 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
AP1115-ADJ
TA = 25
oC, (VIN - OUT) = 1.5V
IO = 10mA
1.225
1.250
1.275
V
AP1115-1.5
IOUT = 10mA, TA = 25
oC,
3V
≤ VIN ≤ 12V
1.470
1.500
1.530
V
AP1115-1.8
IOUT = 10mA, TA = 25
oC,
3.3V
≤ VIN ≤ 12V
1.764
1.800
1.836
V
AP1115-2.5
IOUT = 10mA, TA = 25
oC,
4V
≤ VIN ≤ 12V
2.450
2.500
2.550
V
AP1115-2.8
IOUT = 10mA, TA = 25
oC,
4.3V
≤ VIN ≤ 12V
2.744
2.800
2.856
V
AP1115-3.0
IOUT = 10mA, TA = 25
oC,
4.5V
≤ VIN ≤ 12V
2.940
3.000
3.060
V
AP1115-3.3
IOUT = 10mA, TA = 25
oC,
4.8V
≤ VIN ≤ 12V
3.235
3.300
3.365
V
AP1115-3.5
IOUT = 10mA, TA = 25
oC,
5V
≤ VIN ≤ 12V
3.430
3.500
3.570
V
Output Voltage
AP1115-5.0
IOUT = 10mA, TA = 25
oC,
6.5V
≤ VIN ≤ 12V
4.900
5.000
5.100
V
Line Regulation
AP1115-XXX
IO = 10mA, VOUT + 1.5V < VIN <
15V, TA = 25
oC
-
-
0.2
%
AP1115-ADJ
VIN = 3.3V, Vadj = 0,0mA < Io <
0.6A, TA = 25
oC (Note 3, 4)
-
-
1
%
AP1115-1.5
VIN = 3V, 0mA < Io < 0.6A,
TA = 25
oC (Note 3, 4)
-
12
15
mV
AP1115-1.8
VIN = 3.3V, 0mA < Io < 0.6A,
TA = 25
oC (Note 3, 4)
-
15
18
mV
AP1115-2.5
VIN = 4V, 0mA < Io < 0.6A,
TA = 25
oC (Note 3, 4)
-
20
25
mV
AP1115-2.8
VIN = 4.3V, 0mA < Io < 0.6A,
TA = 25
oC (Note 3, 4)
-
22
28
mV
AP1115-3.0
VIN = 5V, 0 ≤ IOUT ≤ 0.6A,
TA = 25
oC (Note 3, 4)
-
23
30
mV
AP1115-3.3
VIN = 5V, 0 ≤ IOUT ≤ 0.6A,
TA = 25
oC (Note 3, 4)
-
26
33
mV
AP1115-3.5
VIN = 5V, 0 ≤ IOUT ≤ 0.6A,
TA = 25
oC (Note 3, 4)
-
28
35
mV
Load Regulation
AP1115-5.0
VIN = 8V, 0 ≤ IOUT ≤ 0.6A,
TA = 25
oC (Note 3, 4)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
AP1115-ADJ/1.5/1.8
2.5/2.8/3.0/3.3/3.5/5.0
IOUT = 0.6A, ∆VOUT = 0.1%VOUT
-
1.1
1.3
V
Current Limit
AP1115-ADJ/1.5/1.8
2.5/2.8/3.0/3.3/3.5/5.0
(VIN -VOUT) = 5V
0.7
-
-
A
Minimum Load
Current (Note 5)
AP1115-XXX
0
oC ≤ Tj ≤ 125oC
-
5
10
mA
Thermal Regulation
TA = 25
oC, 30ms pulse
-
0.008
0.04
%/W
Note:
3. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output
lead = 1/18” from the package.
4. Line and load regulation are guaranteed up to the maximum power dissipation of 5W. Power dissipation is determined by
the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.
5. Quiescent current is defined as the minimum output current required to maintain regulation. At 12V input/output differential
the device is guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - AP1115A18L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115A ANACHIP-AP1115A Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1115AV15 ANACHIP-AP1115AV15 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1115AV15A ANACHIP-AP1115AV15A Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1115AV15L ANACHIP-AP1115AV15L Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1115AV15LA ANACHIP-AP1115AV15LA Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1115A18L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115_12 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com