Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4543BT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4543BT
Description  BCD to 7-segment latch/decoder/driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4543BT Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4543BT Datasheet HTML 1Page - NXP Semiconductors HEF4543BT Datasheet HTML 2Page - NXP Semiconductors HEF4543BT Datasheet HTML 3Page - NXP Semiconductors HEF4543BT Datasheet HTML 4Page - NXP Semiconductors HEF4543BT Datasheet HTML 5Page - NXP Semiconductors HEF4543BT Datasheet HTML 6Page - NXP Semiconductors HEF4543BT Datasheet HTML 7Page - NXP Semiconductors HEF4543BT Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 1995
5
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
HEF4543B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
Dn → On
5
180
360
ns
153 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
75
150
ns
64 ns
+ (0,23 ns/pF) CL
15
55
110
ns
47 ns
+ (0,16 ns/pF) CL
5
180
360
ns
153 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
75
150
ns
64 ns
+ (0,23 ns/pF) CL
15
55
110
ns
47 ns
+ (0,16 ns/pF) CL
LD
→ On
5
170
340
ns
143 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
80
160
ns
69 ns
+ (0,23 ns/pF) CL
15
60
120
ns
52 ns
+ (0,16 ns/pF) CL
5
190
380
ns
163 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
80
160
ns
69 ns
+ (0,23 ns/pF) CL
15
60
120
ns
52 ns
+ (0,16 ns/pF) CL
BI
→ On
5
145
290
ns
118 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
65
130
ns
54 ns
+ (0,23 ns/pF) CL
15
45
90
ns
37 ns
+ (0,16 ns/pF) CL
5
125
250
ns
98 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
110
ns
54 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+
(1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+
(1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
Minimum LD
5
60
30
ns
pulse width; HIGH
10
tWLDH
30
15
ns
15
20
10
ns
Set-up time
5
40
20
ns
Dn → LD
10
tsu
20
5
ns
15
15
0
ns
Hold time
5
0
−15
ns
Dn → LD
10
thold
15
0
ns
15
20
5
ns


Similar Part No. - HEF4543BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4543BT NXP-HEF4543BT Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
logo
Nexperia B.V. All right...
HEF4543BT NEXPERIA-HEF4543BT Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
More results

Similar Description - HEF4543BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com