Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117D18L-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1117D18L-13
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117D18L-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1117D18L-13 Datasheet HTML 1Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 2Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 3Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 4Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 5Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 6Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 7Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 8Page - Diodes Incorporated AP1117D18L-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 6
4 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
AP1117-ADJ
TA = 25
oC, (VIN-OUT) = 1.5V
IO = 10mA
1.225
1.250
1.275
V
AP1117-1.5
IOUT = 10mA, TA = 25
oC,
3V≦VIN≦12V
1.470
1.500
1.530
V
AP1117-1.8
IOUT = 10mA, TA = 25
oC,
3.3V≦VIN≦12V
1.764
1.800
1.836
V
AP1117-2.5
IOUT = 10mA, TA = 25
oC,
4V≦VIN≦12V
2.450
2.500
2.550
V
AP1117-3.3
IOUT = 10mA, TA = 25
oC,
4.8V≦VIN≦12V
3.235
3.300
3.365
V
Output Voltage
AP1117-5.0
IOUT = 10mA, TA = 25
oC,
6.5V≦VIN≦12V
4.900
5.000
5.100
V
Line Regulation
AP1117-XXX
IO = 10mA,VOUT+1.5V<VIN<12V,
TA = 25
oC
0.2
%
AP1117-ADJ
VIN=3.3V,Vadj=0,0mA<Io<1A,
TA = 25
oC (Note 5, 6)
1
%
AP1117-1.5
VIN = 3V, 0mA<Io<1A,
TA = 25
oC (Note 5, 6)
18
15
mV
AP1117-1.8
VIN = 3.3V, 0mA<Io<1A,
TA = 25
oC (Note 5, 6)
15
18
mV
AP1117-2.5
VIN = 4V, 0mA<Io<1A,
TA = 25
oC (Note 5, 6)
20
25
mV
AP1117-3.3
VIN = 5V, 0≦IOUT≦1A,
TA = 25
oC (Note 5, 6)
26
33
mV
Load Regulation
AP1117-5.0
VIN = 8V, 0≦IOUT≦1A,
TA = 25
oC (Note 5, 6)
40
50
mV
Dropout Voltage
(VIN-VOUT)
AP1117-ADJ/1.5/1.8
/2.5/3.3/5.0
IOUT = 1A, ∆VOUT = 0.1%VOUT
1.3
1.4
V
Current Limit
AP1117-ADJ/1.5/1.8
/2.5/3.3/5.0
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
(Note 7)
AP1117-XXX
0
oC≦Tj≦125oC
5
10
mA
Thermal Regulation
TA = 25
oC, 30ms pulse
0.008
0.04
%/W
F = 180Hz, COUT = 25uF Tantalum, IOUT = 1A
Ripple Rejection
AP1117-XXX
VIN = VOUT+3V
60
70
dB
Temperature Stability
IO = 10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient
SOT223-3L: Control Circuitry/Power Transistor (Note 8)
TO252-3L: Control Circuitry/Power Transistor (Note 9)
SOT89-3L: Control Circuitry/Power Transistor (Note 10)
TO220-3L: Control Circuitry/Power Transistor (Note 11)
TO263-3L: Control Circuitry/Power Transistor (Note 12)
107
73
182
31.35
95
OC/W
JC
θ Thermal Resistance
Junction-to-Case
SOT223-3L: Control Circuitry/Power Transistor (Note 8)
TO252-3L: Control Circuitry/Power Transistor (Note 9)
SOT89-3L: Control Circuitry/Power Transistor (Note 10)
TO220-3L: Control Circuitry/Power Transistor (Note 11)
TO263-3L: Control Circuitry/Power Transistor (Note 12)
12
16
42
5.25
19
OC/W
Notes:
5. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
6. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference
between input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.
7. Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.
8. Test condition for SOT223: Ta=27
°C, no air flow, 2 oz copper, 5mmx5mm pad.
9. Test condition for TO252: Ta=27
°C, no air flow, 2 oz copper, 5mmx5mm pad.
10. Test condition for SOT89-3L: no air flow, no heat sink.
11. Test condition for TO220-3L: with copper area of approximately 3in
2, 1 oz, no air flow.
12. Test condition for TO263-3L: with copper area of approximately 2cmX2cm, 1 oz, no air flow.


Similar Part No. - AP1117D18L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117D18L ANACHIP-AP1117D18L Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117D18LA ANACHIP-AP1117D18LA Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1117D18L-13

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com