Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1122DL-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1122DL-13
Description  1A LOW DROPOUT POSITIVE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122DL-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1122DL-13 Datasheet HTML 1Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 2Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 3Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 4Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 5Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 6Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 7Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 8Page - Diodes Incorporated AP1122DL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
4 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
2.5V≦VIN≦12V, TA=25
oC
1.176
1.2
1.224
V
Line Regulation
IO=10mA, 2.5V<VIN<12V, TA=25
oC
0.2
%
Load Regulation
VIN=2.5V~12V,Vadj=0,0mA<Io<1A, TA=25
oC
(Note 4,5)
1
%
Dropout Voltage
(VIN-VOUT)
IOUT = 1A ,∆VOUT=0.1%VOUT
1.3
1.4
V
Current Limit
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
(Note 6)
0
oC≦Tj≦125oC
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008
0.04
%/W
Ripple Rejection
F=120Hz,COUT=25uF Tantalum, IOUT=1A,
VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient
SOT89-3L : Control Circuitry/Power Transistor (Note 7)
SOT223-3L : Control Circuitry/Power Transistor (Note 8)
TO252-3L : Control Circuitry/Power Transistor (Note 9)
182
107
73
oC/W
JC
θ Thermal Resistance
Junction-to-Case
SOT89-3L : Control Circuitry/Power Transistor (Note 7)
SOT223-3L : Control Circuitry/Power Transistor (Note 8)
TO252-3L : Control Circuitry/Power Transistor (Note 9)
42
12
16
oC/W
Note:
4. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
5. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between
input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
6. Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the device is
guaranteed to regulate if the output current is greater than 10mA.
7. Test condition for SOT89-3L: no air flow, no heat sink.
8. Test condition for SOT223-3L: TA = 27°C, no air flow, device mounted on 2”X2” polyimide PCB, 2 oz copper, 5.6mmX5.6mm pad.
9. Test condition for TO252-3L: TA = 27°C, no air flow, device mounted on 2”X2” polyimide PCB, 1 oz copper, 2cmX2cm pad.


Similar Part No. - AP1122DL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1122DL-13 DIODES-AP1122DL-13 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
More results

Similar Description - AP1122DL-13

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com