Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1121BSG-U Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1121BSG-U
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1121BSG-U Datasheet(HTML) 7 Page - Diodes Incorporated

  AP1121BSG-U Datasheet HTML 1Page - Diodes Incorporated AP1121BSG-U Datasheet HTML 2Page - Diodes Incorporated AP1121BSG-U Datasheet HTML 3Page - Diodes Incorporated AP1121BSG-U Datasheet HTML 4Page - Diodes Incorporated AP1121BSG-U Datasheet HTML 5Page - Diodes Incorporated AP1121BSG-U Datasheet HTML 6Page - Diodes Incorporated AP1121BSG-U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
7 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - AP1121BSG-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1121BS ANACHIP-AP1121BS Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
AP1121BSA ANACHIP-AP1121BSA Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
More results

Similar Description - AP1121BSG-U

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
   Dual 1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
   Dual 1A Low Dropout Positive Voltage Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com